| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XC6413 bảng dữ liệu(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6413 bảng dữ liệu(HTML) 2 Page - Torex Semiconductor |
|
2 / 13 page ![]() " PIN CONFIGURATION " PIN ASSIGNMENT " SELECTION GUIDE 1. Toggle Function, VD self-saturation as option 2. Stand-by mode function as option 3. CE / EN Input Logic, Internal Pull-up / down as option * : A ~ D series 4. VD Sense as option * : A ~ D and F series 5. VD Output Logic as option 6. VD Delay Function as option PIN NUMBER 3 - USP-6B 3 5 1 1 1 1 6 5 5 5 4 SOT-89-5 1 2 5 Low ESR Cap. Compatible, Voltage Detector Function High Speed LDO Regulators XC6413 Series Chip Stand-by mode function No Stand-by mode function Cd SERIES VD with Toggle Function NC 4 2 3 - VR with Stand-by mode function FUNCTION STAND-BY MODE FUNCTION TOGGLE FUNCTION (BUILT-IN) XC6413A ~ C VDOUT VROUT PIN NAME VSEN VIN VSS EN CE Power Input Ground VR On / Off Control On / Off Control XC6413D VD Monitoring Delay capacitor Connection VD Output VR Output No connection SERIES CE INPUT LOGIC XC6413A XC6413B XC6413C ~ F VD with Toggle Function and Self-Saturation VD without Toggle Function XC6413E, F XC6413 * A ~ D High Active with pull down XC6413 * R ~ U Low Active with no pull up XC6413 * E ~ K High Active with no pull down XC6413 * L ~ P Low Active with pull up SERIES VD SENSE PIN VIN SERIES XC6413 * A, B, E, F, L, M, R, S, V, X XC6413 * C, D, H, K, N, P, T, U, Y, Z XC6413 E V ~ Z VSEN VOUT SERIES VD OUTPUT LOGIC FUNCTION XC6413A ~ F Detect L or Detect H SERIES DELAY FUNCTION XC6403A ~ E No Delay XC6403F Delay time adjustable by connecting Cd SOT-25 1 2 3 3 3 3 4 SOT-25 (TOP VIEW) USP-6B 12 3 4 5 6 5 4 1 2 3 EN/CE VSEN/Cd VIN VSS EN/CE VSEN/Cd VDOUT VROUT 4 5 3 2 1 VROUT VSS VIN SOT-89-5 EN/CE VSEN/Cd VDOUT VIN VSS VDOUT VROUT NC (TOP VIEW) (TOP VIEW) Semiconductor Ltd. 2 |