công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT-543C bảng dữ liệu(PDF) 1 Page - OSRAM GmbH

tên linh kiện LT-543C
Giải thích chi tiết về linh kiện  colorless, clear 5 mm (T1 쩐) package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-543C bảng dữ liệu(HTML) 1 Page - OSRAM GmbH

  LT-543C Datasheet HTML 1Page - OSRAM GmbH LT-543C Datasheet HTML 2Page - OSRAM GmbH LT-543C Datasheet HTML 3Page - OSRAM GmbH LT-543C Datasheet HTML 4Page - OSRAM GmbH LT-543C Datasheet HTML 5Page - OSRAM GmbH LT-543C Datasheet HTML 6Page - OSRAM GmbH LT-543C Datasheet HTML 7Page - OSRAM GmbH LT-543C Datasheet HTML 8Page - OSRAM GmbH LT-543C Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LB 543C, LV 543C, LT 543C
Hyper 5 mm (T1 ¾) LED, Non Diffused
Enhanced optical Power LED (ATON
®)
Lead (Pb) Free Product - RoHS Compliant
LV 543C abgekündigt nach OS-PD-2006-009 -
wird nicht ersetzt werden.
LV 543C obsolete acc. to OS-PD-2006-009 -
no replacement.
2009-10-20
1
Besondere Merkmale
• Gehäusetyp: nicht eingefärbtes, klares 5 mm
(T1 ¾) Gehäuse
• Besonderheit des Bauteils: enge
Abstrahlcharakteristik für große Lichtstärken
• Wellenlänge: 470 nm (blau), 505 nm (verde),
528 nm (true green)
• Abstrahlwinkel: engwinklig (26°)
• Technologie: InGaN
• optischer Wirkungsgrad: 3 lm/W (blau),
10 lm/W (verde), 13 lm/W (true green)
• Gruppierungsparameter: Partial Flux,
Wellenlänge
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• Ampelanwendungen
• Hinterleuchtung (LCD, Schalter, Tasten,
Displays, Werbebeleuchtung,
Allgemeinbeleuchtung)
• Innenbeleuchtung im Automobilbereich
(z.B. Tastenbeleuchtung, u. ä.)
• Ersatz von Kleinst-Glühlampen
Features
• package: colorless, clear 5 mm (T1 ¾)
package
• feature of the device: narrow viewing angle for
more brightness
• wavelength: 470 nm (blue), 505 nm (verde),
528 nm (true green)
• viewing angle: narrow (26°)
• technology: InGaN
• optical efficiency: 3 lm/W (blue),
10 lm/W (verde), 13 lm/W (true green)
• grouping parameter: Partial Flux, wavelength
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• traffic lights
• backlighting (LCD, switches, keys, displays,
illuminated advertising, general lighting)
• interior automotive lighting (e.g. key
backlighting, etc.)
• substitution of micro incandescent lamps


Số phần tương tự - LT-543C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Optoway Technology Inc
LT-54B33B-P-AG OPTOWAY-LT-54B33B-P-AG Datasheet
124Kb / 5P
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
LT-54B33B-PG OPTOWAY-LT-54B33B-PG Datasheet
124Kb / 5P
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
LT-54B353B-PG OPTOWAY-LT-54B353B-PG Datasheet
124Kb / 5P
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
More results

Mô tả tương tự - LT-543C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LA543B OSRAM-LA543B Datasheet
340Kb / 13P
colorless, clear 5 mm package
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
colorless, clear 5 mm package
LS5436 OSRAM-LS5436 Datasheet
347Kb / 13P
colorless, clear 5 mm package
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LW541C OSRAM-LW541C Datasheet
499Kb / 14P
colorless, clear 5 mm package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LW-541C OSRAM-LW-541C Datasheet
499Kb / 14P
colorless, clear 5 mm (T1쩐) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
colorless, clear 5 mm (T1 쩐) package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com