| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1498 bảng dữ liệu(PDF) 21 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1498 bảng dữ liệu(HTML) 21 Page - Linear Technology |
|
21 / 26 page ![]() LTC6261/LTC6262/LTC6263 626123fa 21 For more information www.linear.com/LTC6261 pAckAge Description 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.22 – 0.36 8 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) TS8 TSOT-23 0710 REV A 2.90 BSC (NOTE 4) 0.65 BSC 1.95 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF PIN ONE ID NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.40 MAX 0.65 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF TS8 Package 8-Lead Plastic TSOT-23 (Reference LTC DWG # 05-08-1637 Rev A) Please refer to http://www.linear.com/product/LTC6262#packaging for the most recent package drawings. |