công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KW-DPLS32.EC bảng dữ liệu(PDF) 2 Page - OSRAM GmbH

tên linh kiện KW-DPLS32.EC
Giải thích chi tiết về linh kiện  SMD epoxy package, colored silicone resin
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-DPLS32.EC bảng dữ liệu(HTML) 2 Page - OSRAM GmbH

  KW-DPLS32.EC Datasheet HTML 1Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 2Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 3Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 4Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 5Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 6Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 7Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 8Page - OSRAM GmbH KW-DPLS32.EC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2016-01-19
2
Version 1.3
KW DPLS32.EC
Ordering Information
Bestellinformation
Type:
Color Temperature
Luminous Flux 1) page 28
Ordering Code
Typ:
Farbtemperatur
Lichtstrom 1) Seite 28
Bestellnummer
I
F = 120 mA
[K]
ΦV [lm]
KW
DPLS32.EC-6H6J-4C8E-
1
6500
31.5 ... 56
Q65111A5892
KW
DPLS32.EC-6H6J-4F8G-
1
5700
31.5 ... 56
Q65111A5891
KW
DPLS32.EC-6H6J-4J8K-
1
4500
31.5 ... 56
Q65111A5890
KW
DPLS32.EC-6H6J-4L8N-
1
4000
31.5 ... 56
Q65111A5889
KW
DPLS32.EC-6H6J-4R8T-
1
3000
31.5 ... 56
Q65111A5893
KW
DPLS32.EC-6H6J-4O8Q
3500
31.5 ... 56
Q65111A6346
KW
DPLS32.EC-6H6J-4U8X-
1
2700
31.5 ... 56
Q65111A7739
KW
DPLS32.EC-6H6J-4H8I-
1
5000
31.5 ... 56
Q65111A8478
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 6). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. KW DPLS32.EC-6H6J-4F8G-1
means that only one group 5J, 6H, 6J, 7H, 8H will be shippable for any packing unit.
In a similar manner for colors where color chromaticity coordinate groups are measured and binned, single groups will be shipped on
any one packing unit. KW DPLS32.EC-6H6J-4F8G-1 means that the device will be shipped within the specified limits.
In a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped
on any packing unit. E. g. KW DPLS32.EC-6H6J-4F8G-1 means that only one forward voltage group 24,64,A4 will be shippable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29