công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1357 bảng dữ liệu(PDF) 38 Page - Linear Technology

tên linh kiện LT1357
Giải thích chi tiết về linh kiện  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1357 bảng dữ liệu(HTML) 38 Page - Linear Technology

Back Button LT1357 Datasheet HTML 32Page - Linear Technology LT1357 Datasheet HTML 33Page - Linear Technology LT1357 Datasheet HTML 34Page - Linear Technology LT1357 Datasheet HTML 35Page - Linear Technology LT1357 Datasheet HTML 36Page - Linear Technology LT1357 Datasheet HTML 37Page - Linear Technology LT1357 Datasheet HTML 38Page - Linear Technology LT1357 Datasheet HTML 39Page - Linear Technology LT1357 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
LTC2335-16
38
233516f
For more information www.linear.com/LTC2335-16
Thus, once the sequencer has been programmed, simply
hold SDI at an LVDS low level during subsequent data
transactionstocyclecontinuallythroughtheprogrammed
sequence of configurations.
Direct Per-Conversion Configuration
As a special case of the sequencer, the LTC2335-16
multiplexer and SoftSpan range can be directly controlled
every conversion with no latency and no additional set-
tling time or digital I/O overhead. To use the part in this
direct fashion, simply supply one control word on SDI
during a data transaction to specify the desired channel
number and SoftSpan range for the following conversion,
as shown in Figure 19.
If the desired channel and SoftSpan range for conversion
N+1 are known before seeing the result of conversion N,
specify the configuration by clocking in the corresponding
control word on SDI while clocking out the first 8 bits,
then hold SDI at an LVDS low level. This particular use
case is illustrated in Figure 19. If the desired configura-
tion is not known until after the conversion data has been
read, clock in 24 zeros on SDI while the 24 bits of data
are being read out; since the V bits of those words are
then 0, they are ignored. Once the configuration has been
determined, clock in 8 more bits on SDI which specify the
desired configuration for conversion N+1.
applicaTions inForMaTion
To obtain the best performance from the LTC2335-16, a
four-layer printed circuit board (PCB) is recommended.
Layout for the PCB should ensure the digital and analog
signal lines are separated as much as possible. In particu-
lar, care should be taken not to run any digital clocks or
signals alongside analog signals or underneath the ADC.
Also minimize the length of the REFBUF to GND (Pin 20)
bypass capacitor return loop, and avoid routing CNV near
signals which could potentially disturb its rising edge.
Supply bypass capacitors should be placed as close as
possible to the supply pins. Low impedance common re-
turns for these bypass capacitors are essential to the low
noise operation of the ADC. A single solid ground plane
is recommended for this purpose. When possible, screen
the analog input traces using ground.
Reference Design
For a detailed look at the reference design for this con-
verter, including schematics and PCB layout, please refer
to DC2412A, the evaluation kit for the LTC2335-16.
boarD layouT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com