| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MA730 bảng dữ liệu(PDF) 16 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MA730 bảng dữ liệu(HTML) 16 Page - Monolithic Power Systems |
|
16 / 17 page ![]() EVKT-MACOM – MAGALPHA COMMUNICATION KIT EVKT-MACOM www.MonolithicPower.com 16 3/15/2017 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. 3. Sensor Parameters The user-configurable parameters are defined during the auto-discovery process. This process occurs at Macom App start-up or when a disconnection/connection cycle occurs. The software discovers which sensor generation is connected automatically and finds out which parameters are available for this specific product (see Figure 26). Figure 26: Macom App Sensor Parameters A connection cycle is required after a sensor hot swap (connecting or unplugging the sensor while the system is on) in order to re-run the auto-discovery process on the freshly connected sensor. To perform a connection cycle, simply click on connection twice: once to disconnect the device and again to reconnect it. Figure 27: Macom App Connection Cycle Sensor Parameters |