| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT3511 bảng dữ liệu(PDF) 29 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3511 bảng dữ liệu(HTML) 29 Page - Linear Technology |
|
29 / 48 page ![]() LT8311 29 8311f For more information www.linear.com/LT8311 APPLICATIONS INFORMATION Picking the Opto-Coupler The voltage feedback loop, explained earlier, uses an opto-coupler to convey output voltage information from the secondary side to the primary side (see Figure 17). An opto-coupler is used because of its wide prevalence, relatively low cost, and its ability to convey DC signal information over an isolation boundary with potential differences of up to 5000V. The input of an opto-coupler typically consists of an infrared light-emitting diode (LED), while the output is typically a phototransistor. Current flowing into the opto-coupler’s input LED, called IF, causes photons to be emitted. These photons cross the opto-coupler’s isolation barrier and get collected in the base of the output phototransistor. This photo current, which essentially forms the phototransistor’s base current, is gained up by the phototransistor’s ß (current gain) before flowing out of the opto-coupler, and is called IOPTO_OUT. The key parameter of interest in an opto-coupler is the current transfer ratio (CTR). CTR is typically expressed in units of %, and is calculated as follows: CTR(%) = IOPTO_OUT IF Figure 17. Typical Opto-Coupler Configuration in a Voltage Feedback Loop 8311 F17 IOPTO_OUT IF PRIMARY SIDE OF VOLTAGE FEEDBACK LOOP VCC OPTO RE PRIMARY SIDE SECONDARY SIDE LT8311 OPTO- COUPLER ISOLATION BOUNDARY RD where IOPTO_OUT is the output current of the opto-coupler and IF is the opto-coupler’s input LED current Opto-couplers have historically been disliked, and jus- tifiably so, for having CTRs that degrade with operating lifetime, at higher operating temperatures, and at higher input currents (IF). Much of this CTR degradation comes from a reduction in the quantum efficiency of the input LED, which is a function of the LED’s operating current (IF), operating temperature and operating lifetime. Fortunately, LED technology has matured over the last coupleofdecades,andhasallowedimprovementsinopto- coupler performance, a discussion of which is beyond the scopeofthisdatasheet.AvagoTechnologieshaspublished documentation showing 3-sigma CTR degradation of no more than 10% over 30 field years of operation for their opto-couplers manufactured with AlGaAs type LEDs run- ning 5mA of input current (IF) at 100% duty cycle, and at 85°C ambient temperature. Please refer to the application/design notes from opto- coupler vendors such as Avago Technologies, CEL and Vishay, to procure further information on opto-couplers. Atypicallyrecommendedopto-coupleristhePS2801from California Eastern Laboratories (CEL). |