công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2000 bảng dữ liệu(PDF) 48 Page - Linear Technology

tên linh kiện LTC2000
Giải thích chi tiết về linh kiện  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 bảng dữ liệu(HTML) 48 Page - Linear Technology

Back Button LTC2000 Datasheet HTML 44Page - Linear Technology LTC2000 Datasheet HTML 45Page - Linear Technology LTC2000 Datasheet HTML 46Page - Linear Technology LTC2000 Datasheet HTML 47Page - Linear Technology LTC2000 Datasheet HTML 48Page - Linear Technology LTC2000 Datasheet HTML 49Page - Linear Technology LTC2000 Datasheet HTML 50Page - Linear Technology LTC2000 Datasheet HTML 51Page - Linear Technology LTC2000 Datasheet HTML 52Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
LTC2000A
48
2000afb
For more information www.linear.com/LTC2000A
PIN LOCATIONS (LTC2000A-14)
LTC2000A-14 BGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
GND
B1
GND
C1
AVDD18
D1
AVDD18
E1
AVDD18
F1
GND
A2
CKN
B2
GND
C2
AVDD18
D2
AVDD18
E2
AVDD18
F2
GND
A3
CKP
B3
GND
C3
AVDD18
D3
AVDD18
E3
DVDD18
F3
GND
A4
GND
B4
GND
C4
AVDD18
D4
DVDD18
E4
DVDD18
F4
GND
A5
DVDD18
B5
DVDD18
C5
DVDD18
D5
DVDD18
E5
DVDD18
F5
GND
A6
GND
B6
GND
C6
GND
D6
GND
E6
GND
F6
GND
A7
DAN13
B7
DAN12
C7
DAN11
D7
DAN10
E7
DAN9
F7
DAN8
A8
DAP13
B8
DAP12
C8
DAP11
D8
DAP10
E8
DAP9
F8
DAP8
A9
DBN13
B9
DBN12
C9
DBN11
D9
DBN10
E9
DBN9
F9
DBN8
A10
DBP13
B10
DBP12
C10
DBP11
D10
DBP10
E10
DBP9
F10
DBP8
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
GND
H1
IOUTP
J1
IOUTN
K1
GND
L1
GND
M1
REFIO
G2
GND
H2
GND
J2
GND
K2
GND
L2
GND
M2
FSADJ
G3
GND
H3
GND
J3
GND
K3
GND
L3
GND
M3
GND
G4
GND
H4
GND
J4
GND
K4
GND
L4
GND
M4
AVDD33
G5
GND
H5
GND
J5
GND
K5
GND
L5
GND
M5
DVDD33
G6
GND
H6
GND
J6
GND
K6
GND
L6
GND
M6
GND
G7
DAN7
H7
DAN6
J7
DCKON
K7
DAN5
L7
DAN4
M7
DAN3
G8
DAP7
H8
DAP6
J8
DCKOP
K8
DAP5
L8
DAP4
M8
DAP3
G9
DBN7
H9
DBN6
J9
DCKIN
K9
DBN5
L9
DBN4
M9
DBN3
G10
DBP7
H10
DBP6
J10
DCKIP
K10
DBP5
L10
DBP4
M10
DBP3
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
N1
GND
P1
AVDD33
Q1
AVDD33
R1
GND
S1
PD
N2
GND
P2
AVDD33
Q2
AVDD33
R2
GND
S2
CS
N3
GND
P3
AVDD33
Q3
AVDD33
R3
TSTN
S3
SDO
N4
AVDD33
P4
AVDD33
Q4
AVDD33
R4
TSTP
S4
SDI
N5
DVDD33
P5
DVDD33
Q5
DVDD33
R5
GND
S5
SCK
N6
GND
P6
GND
Q6
GND
R6
GND
S6
SVDD
N7
DAN2
P7
DAN1
Q7
DAN0
R7
GND
S7
GND
N8
DAP2
P8
DAP1
Q8
DAP0
R8
GND
S8
GND
N9
DBN2
P9
DBN1
Q9
DBN0
R9
GND
S9
GND
N10
DBP2
P10
DBP1
Q10
DBP0
R10
GND
S10
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54