| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC7138 bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC7138 bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 38 page ![]() LTC3895 2 3895fa For more information www.linear.com/LTC3895 pin conFiguraTion absoluTe MaxiMuM raTings Input Supply Voltage (VIN)....................... –0.3V to 150V Top Side Driver Voltage BOOST ............... –0.3V to 150V Switch Voltage (SW)................................... –5V to 150V DRVCC, (BOOST-SW) Voltages....................–0.3V to 11V BG, TG ............................................................... (Note 8) RUN Voltage............................................. –0.3V to 150V SENSE+, SENSE– Voltages ......................... –0.3V to 65V PLLIN, PGOOD Voltages .............................. –0.3V to 6V MODE, DRVUV Voltages .............................. –0.3V to 6V ILIM, VPRG, FREQ, PHASMD Voltages ........ –0.3V to 6V DRVSET, CPUMP_EN Voltages..................... –0.3V to 6V NDRV ................................................................. (Note 9) EXTVCC Voltage ......................................... –0.3V to 14V ITH, VFB Voltages......................................... –0.3V to 6V SS, OVLO Voltages ...................................... –0.3V to 6V Operating Junction Temperature Range (Notes 2, 3) LTC3895E, LTC3895I ......................... –40°C to 125°C LTC3895H.......................................... –40°C to 150°C Storage Temperature Range .................. –65°C to 150°C (Note 1) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 TOP VIEW FE PACKAGE VARIATION: FE38(31) 38-LEAD PLASTIC TSSOP 38 37 36 34 32 30 28 26 24 22 21 20 39 GND OVLO VPRG SENSE+ SENSE– SS VFB ITH MODE GND CPUMP_EN CLKOUT GND PLLIN PGOOD GND NC FREQ DRVSET DRVUV INTVCC ILIM PHASMD RUN EXTVCC VIN NDRV DRVCC BG BOOST SW TG TJMAX = 150°C, θJA = 28°C/W EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB FOR RATED ELECTRICAL AND THERMAL CHARACTERISTICS orDer inForMaTion LEAD FREE FINISH TAPE AND REEL PART MARKING PACKAGE DESCRIPTION TEMPERATURE RANGE LTC3895EFE#PBF LTC3895EFE#TRPBF LTC3895FE 38-Lead Plastic TSSOP –40°C to 125°C LTC3895IFE#PBF LTC3895IFE#TRPBF LTC3895FE 38-Lead Plastic TSSOP –40°C to 125°C LTC3895HFE#PBF LTC3895HFE#TRPBF LTC3895FE 38-Lead Plastic TSSOP –40°C to 150°C Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on nonstandard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix. http://www.linear.com/product/LTC3895#orderinfo |