| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC4449 bảng dữ liệu(PDF) 34 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4449 bảng dữ liệu(HTML) 34 Page - Linear Technology |
|
34 / 108 page ![]() LTC3882-1 34 Rev A For more information www.analog.com OPERATION Figure 8. Write Byte Protocol with PEC Figure 11. Read Byte Protocol Figure 14. Read Word Protocol with PEC Figure 9. Write Word Protocol Figure 12. Read Byte Protocol with PEC Figure 15. Block Read Protocol Figure 10. Write Word Protocol with PEC Figure 13. Read Word Protocol SLAVE ADDRESS COMMAND CODE DATA BYTE Wr A A A P 38821 F08 S 7 8 8 1 PEC 8 1 1 1 1 1 1 A SLAVE ADDRESS COMMAND CODE SLAVE ADDRESS Wr A A Sr P 38821 F11 S 7 8 7 1 1 DATA BYTE 8 1 1 1 1 1 1 1 A Rd NA SLAVE ADDRESS COMMAND CODE SLAVE ADDRESS Wr A A A P A 38821 F14 S 7 8 7 1 DATA BYTE LOW 8 DATA BYTE HIGH PEC 8 8 1 1 1 1 1 1 1 1 Sr 1 A 1 Rd A SLAVE ADDRESS COMMAND CODE DATA BYTE LOW Wr A A A P 38821 F09 S 7 8 8 1 DATA BYTE HIGH 8 1 1 1 1 1 1 A SLAVE ADDRESS COMMAND CODE SLAVE ADDRESS Wr A A Sr P 38821 F12 S 7 8 7 1 1 DATA BYTE 8 8 1 1 1 1 1 1 1 A Rd A 1 A PEC SLAVE ADDRESS COMMAND CODE SLAVE ADDRESS Wr A A Sr S 7 8 7 1 1 BYTE COUNT = N 8 1 1 1 1 1 1 A Rd A … A P NA 38821 F15 DATA BYTE 1 8 DATA BYTE 2 DATA BYTE N 8 8 1 1 1 1 A … … SLAVE ADDRESS COMMAND CODE DATA BYTE LOW Wr A A A P 38821 F10 S 7 8 8 1 DATA BYTE HIGH 8 PEC 8 1 1 1 1 1 1 1 A A SLAVE ADDRESS COMMAND CODE SLAVE ADDRESS Wr A A NA P 38821 F13 S 7 8 7 1 DATA BYTE LOW 8 DATA BYTE HIGH 8 1 1 1 1 Sr 1 1 1 1 A 1 Rd A Figure 7. Write Byte Protocol SLAVE ADDRESS COMMAND CODE DATA BYTE Wr A A A P 38821 F07 S 7 8 8 1 1 1 1 1 1 |