| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC3890 bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3890 bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 46 page ![]() LTC3875 2 3875fb For more information www.linear.com/LTC3875 PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS Input Supply Voltage (VIN)......................... 40V to –0.3V Topside Driver Voltages (BOOST1, BOOST2).................................... 46V to –0.3V Switch Voltage (SW1, SW2).......................... 40V to –5V INTVCC, RUN(s), PGOOD, EXTVCC (BOOST-SW1), (BOOST2-SW2).................... 6V to –0.3V SNSA+(s), SNSD+(s), SNS–(s) Voltages ..................................INTVCC to –0.3V (Note 1) 39 40 38 37 36 35 34 33 32 31 11 20 12 13 14 15 TOP VIEW 41 SGND/PGND UJ PACKAGE 40-LEAD (6mm × 6mm) PLASTIC QFN 16 17 18 19 22 23 24 25 26 27 28 29 9 8 7 6 5 4 3 2 TK/SS1 VOSNS1+ VOSNS1– ITH1 ITH2 VOSNS2+ VOSNS2– TK/SS2 SNSA2+ SNS2– SW1 TG1 BOOST1 BG1 VIN INTVCC EXTVCC BG2 BOOST2 TG2 21 30 10 1 TJMAX = 125°C, θJA = 33°C/W, θJC = 2.0°C/W EXPOSED PAD (PIN 41) IS SGND/PGND, MUST BE SOLDERED TO PCB MODE/PLLIN, ILIM, FREQ, IFAST, ENTMPB VOSNS(s)+, VOSNS(s)– Voltages ...............INTVCC to –0.3V ITH1, ITH2, PHASMD, TRSET1, TRSET2, TCOMP1, TCOMP2, TAVG Voltages.......INTVCC to –0.3V INTVCC Peak Output Current................................100mA Operating Junction Temperature Range (Notes 2, 3)............................................ –40°C to 125°C Storage Temperature Range .................. –65°C to 125°C 39 40 38 37 36 35 34 33 32 31 11 20 12 13 14 15 TOP VIEW 41 SGND/PGND UH PACKAGE 40-LEAD (5mm × 5mm) PLASTIC QFN 16 17 18 19 22 23 24 25 26 27 28 29 9 8 7 6 5 4 3 2 TK/SS1 VOSNS1+ VOSNS1– ITH1 ITH2 VOSNS2+ VOSNS2– TK/SS2 SNSA2+ SNS2– SW1 TG1 BOOST1 BG1 VIN INTVCC EXTVCC BG2 BOOST2 TG2 21 30 10 1 TJMAX = 125°C, θJA = 44°C/W, θJC = 7.3°C/W EXPOSED PAD (PIN 41) IS SGND/PGND, MUST BE SOLDERED TO PCB |