| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP6923GS bảng dữ liệu(PDF) 5 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP6923GS bảng dữ liệu(HTML) 5 Page - Monolithic Power Systems |
|
5 / 5 page ![]() EV6923-S-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. EV6923-S-00A Rev. 1.0 www.MonolithicPower.com 5 1/11/2016 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. . © 2016 MPS. All Rights Reserved. QUICK START GUIDE The demo board is intended to implement the synchronous rectifier in an LLC resonant converter with center-tap secondary winding. If the converters implement diode rectification, 1. Remove the diodes rectifiers from the board as the Fig.5 shows. 2. Connect the center-tap and other two secondary windings of transformer as the Fig.6 shows. 3. Connect the Vout and GND pins on MP6923GS demo board as the Fig. 6 shows. 4. Turn the power supply on. The IC will start up automatically. Lr Cr T1 Half Bridge Driver M1 M2 D1 D2 Vout Figure 5—How to disconnect the diode rectifiers Lr Cr T1 Half Bridge Driver M1 M2 Vout MP6923 Demo Board CT LS1 LS2 Vout GND Figure 6—How to connect the EV6923-S-00A |