công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZX75LP-158 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện ZX75LP-158
Giải thích chi tiết về linh kiện  Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-158 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  ZX75LP-158 Datasheet HTML 1Page - Mini-Circuits ZX75LP-158 Datasheet HTML 2Page - Mini-Circuits ZX75LP-158 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• High rejection
• Low Insertion loss, 1.2 dB typical in passband
• Fast roll-off
• Good VSWR
• Connectorized package
Product Overview
ZX75LP-158+ is a 50Ω low pass filter built in a connectorized package. Covering DC-158 MHz bandwidth, these
units offer good matching within the passband and high rejection in stopband. This will find its applications in receiv-
ers and transmitters to suppress spurious emission and harmonics. It has repeatable performance across produc-
tion lots and consistent performance across temperature.
Feature
Advantages
Low passband insertion loss
Suitable for high performance application
Fast roll-off
Provides very good adjacent band rejection
Connectorized package
The connectorized package is easy to interface with other devices and well suited for test setups
Good VSWR
Provides good interface when used with other devices.
Key Features
ZX75LP-158+
50Ω
DC to 158 MHz
CASE STYLE: KE1467
Low Pass Filter
Coaxial


Số phần tương tự - ZX75LP-158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
ZX75LP-105 MINI-ZX75LP-105 Datasheet
246Kb / 3P
Low Pass Filter
ZX75LP-105+ MINI-ZX75LP-105+ Datasheet
246Kb / 3P
Low Pass Filter
ZX75LP-105-S+ MINI-ZX75LP-105-S+ Datasheet
246Kb / 3P
Low Pass Filter
ZX75LP-120 MINI-ZX75LP-120 Datasheet
236Kb / 3P
Low Pass Filter
ZX75LP-120+ MINI-ZX75LP-120+ Datasheet
236Kb / 3P
Low Pass Filter
More results

Mô tả tương tự - ZX75LP-158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com