| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTM4607 bảng dữ liệu(PDF) 24 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM4607 bảng dữ liệu(HTML) 24 Page - Linear Technology |
|
24 / 28 page ![]() LTM8056 24 8056fa For more information www.linear.com/LTM8056 PACKAGE DESCRIPTION Table 4. LTM8056 Pin Assignment (Arranged by Pin Number) PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION A1 VOUT B1 VOUT C1 VOUT D1 IOUT E1 GND F1 LL A2 VOUT B2 VOUT C2 VOUT D2 GND E2 GND F2 GND A3 VOUT B3 VOUT C3 VOUT D3 GND E3 GND F3 GND A4 VOUT B4 VOUT C4 VOUT D4 GND E4 GND F4 GND A5 VOUT B5 VOUT C5 VOUT D5 GND E5 GND F5 GND A6 VOUT B6 VOUT C6 VOUT D6 GND E6 GND F6 GND A7 GND B7 GND C7 GND D7 GND E7 GND F7 GND A8 GND B8 GND C8 GND D8 GND E8 GND F8 GND A9 GND B9 GND C9 GND D9 GND E9 GND F9 GND A10 GND B10 GND C10 GND D10 GND E10 GND F10 SVIN A11 GND B11 GND C11 GND D11 GND E11 GND F11 SVIN PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION G1 CLKOUT H1 RT J1 FB K1 SS L1 GND G2 MODE H2 SYNC J2 COMP K2 CTL L2 IOUTMON G3 GND H3 GND J3 GND K3 GND L3 IINMON G4 GND H4 GND J4 GND K4 GND L4 RUN G5 GND H5 GND J5 GND K5 GND L5 GND G6 GND H6 GND J6 GND K6 GND L6 GND G7 GND H7 GND J7 GND K7 GND L7 GND G8 GND H8 GND J8 GND K8 GND L8 GND G9 GND H9 GND J9 GND K9 GND L9 IIN G10 VIN H10 VIN J10 VIN K10 VIN L10 VIN G11 VIN H11 VIN J11 VIN K11 VIN L11 VIN |