công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTM4606 bảng dữ liệu(PDF) 10 Page - Linear Technology

tên linh kiện LTM4606
Giải thích chi tiết về linh kiện  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 bảng dữ liệu(HTML) 10 Page - Linear Technology

Back Button LTM4606 Datasheet HTML 6Page - Linear Technology LTM4606 Datasheet HTML 7Page - Linear Technology LTM4606 Datasheet HTML 8Page - Linear Technology LTM4606 Datasheet HTML 9Page - Linear Technology LTM4606 Datasheet HTML 10Page - Linear Technology LTM4606 Datasheet HTML 11Page - Linear Technology LTM4606 Datasheet HTML 12Page - Linear Technology LTM4606 Datasheet HTML 13Page - Linear Technology LTM4606 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM8050
10
8050fc
For more information www.linear.com/LTM8050
PIN FUNCTIONS
VOUT (Bank 1): Power Output Pins. Apply the output filter
capacitor and the output load between these pins and
GND pins.
GND (Bank 2): Tie these GND pins to a local ground plane
below the LTM8050 and the circuit components. In most
applications, the bulk of the heat flow out of the LTM8050
is through these pads, so the printed circuit design has a
large impact on the thermal performance of the part. See
the PCB Layout and Thermal Considerations sections for
more details. Return the feedback divider (RFB)tothisnet.
VIN(Bank3):TheVINpinsuppliescurrenttotheLTM8050’s
internal regulator and to the internal power switch. This
pin must be locally bypassed with an external, low ESR
capacitor; see Table 1 for recommended values.
AUX (Pin G5): Low Current Voltage Source for BIAS. In
many designs, the BIAS pin is simply connected to VOUT.
The AUX pin is internally connected to VOUT and is placed
adjacent to the BIAS pin to ease printed circuit board rout-
ing. Although this pin is internally connected to VOUT, it
is not intended to deliver a high current, so do not draw
current from this pin to the load. If this pin is not tied to
BIAS, leave it floating.
BIAS(PinH5):TheBIASpinconnectstotheinternalpower
bus. Connect to a power source greater than 2.8V and less
than 25V. If the output is greater than 2.8V, connect this
pin there. If the output voltage is less, connect this to a
voltage source between 2.8V and 25V. Also, make sure
that BIAS + VIN is less than 72V.
RUN/SS (Pin L5): Pull the RUN/SS pin below 0.2V to
shut down the LTM8050. Tie to 2.5V or more for normal
operation. If the shutdown feature is not used, tie this pin
to the VIN pin. RUN/SS also provides a soft-start function;
see the Applications Information section.
SYNC (Pin L6): This is the external clock synchronization
input. Ground this pin for low ripple Burst Mode operation
at low output loads. Tie to a stable voltage source greater
than 0.7V to disable Burst Mode operation. Do not leave
this pin floating. Tie to a clock source for synchroniza-
tion. Clock edges should have rise and fall times faster
than 1μs. See the Synchronization section in Applications
Information.
RT (Pin G7): The RT pin is used to program the switching
frequency of the LTM8050 by connecting a resistor from
this pin to ground. Table 2 gives the resistor values that
correspondtotheresultantswitchingfrequency.Minimize
the capacitance at this pin.
SHARE (Pin H7): Tie this to the SHARE pin of another
LTM8050 when paralleling the outputs. Otherwise, do
not connect.
PGOOD (Pin J7): The PGOOD pin is the open-collector
outputofaninternalcomparator.PGOODremainslowuntil
the FB pin is within 10% of the final regulation voltage.
PGOODoutputisvalidwhenVINisabove3.6VandRUN/SS
is high. If this function is not used, leave this pin floating.
FB (Pin K7): The LTM8050 regulates its FB pin to 0.79V.
Connect the adjust resistor from this pin to ground. The
value of RFB is given by the equation RFB = 394.21/(VOUT
– 0.79), where RFB is in kΩ.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com