công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP3202DG bảng dữ liệu(PDF) 1 Page - Monolithic Power Systems

tên linh kiện MP3202DG
Giải thích chi tiết về linh kiện  1.3A Fixed Frequency White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3202DG bảng dữ liệu(HTML) 1 Page - Monolithic Power Systems

  MP3202DG Datasheet HTML 1Page - Monolithic Power Systems MP3202DG Datasheet HTML 2Page - Monolithic Power Systems MP3202DG Datasheet HTML 3Page - Monolithic Power Systems MP3202DG Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3202-00A
1.3A Fixed Frequency White LED Driver
Evaluation Board
EV3202-00A Rev. 1.1
www.MonolithicPower.com
1
10/18/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3202-00A is an evaluation board for the
MP3202, a step-up converter designed for driving
up to 39 white LEDs (13 strings of 3 LEDs each)
from a 5V system rail, or 27 white LEDs from
4.5V to 6V.
The MP3202 uses current mode, fixed frequency
architecture to regulate the LED current, which is
measured through an external current sense
resistor. Its low 104mV feedback voltage reduces
power loss and improves efficiency. The OV pin
monitors the output voltage and turns off the
converter if an over-voltage condition is present
due to an open circuit condition.
The MP3202 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5 – 6
V
Number of LEDs
27
FEATURES
• 4.5V to 6V Input Voltage Range
• Drives up to 27 White LEDs
• Up to 92% Efficiency
• Soft-Start/PWM Dimming
• Fully Assembled and Tested
APPLICATIONS
• Cell Phones
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3202-00A EVALUATION BOARD
(L x W x H) 3.1” x 1.4” x 0.5”
7.8cm x 3.5cm x 1.2cm
Board Number
MPS IC Number
EV3202-00A
MP3202DG
100
95
90
85
80
4.5
4.7
4.9
5.1
5.3
5.5
INPUT VOLTAGE (V)
Efficiency vs
Input Voltage
IOUT=100mA
IOUT=180mA


Số phần tương tự - MP3202DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP3202DG MPS-MP3202DG Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
More results

Mô tả tương tự - MP3202DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1518 MPS-MP1518 Datasheet
254Kb / 9P
Fixed Frequency White LED Driver
MP3202 MPS-MP3202 Datasheet
283Kb / 9P
1.3A Fixed Frequency White LED Driver
EV3302DD-00A MPS-EV3302DD-00A Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302DG-00A MPS-EV3302DG-00A Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3302-J-01A MPS-EV3302-J-01A Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3304DD-00A MPS-EV3304DD-00A Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3305DD-00A MPS-EV3305DD-00A Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3308DL-00A MPS-EV3308DL-00A Datasheet
152Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com