công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COPC981 bảng dữ liệu(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện COPC981
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPC981 bảng dữ liệu(HTML) 21 Page - National Semiconductor (TI)

Back Button COPC981 Datasheet HTML 17Page - National Semiconductor (TI) COPC981 Datasheet HTML 18Page - National Semiconductor (TI) COPC981 Datasheet HTML 19Page - National Semiconductor (TI) COPC981 Datasheet HTML 20Page - National Semiconductor (TI) COPC981 Datasheet HTML 21Page - National Semiconductor (TI) COPC981 Datasheet HTML 22Page - National Semiconductor (TI) COPC981 Datasheet HTML 23Page - National Semiconductor (TI) COPC981 Datasheet HTML 24Page - National Semiconductor (TI) COPC981 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
BYTES and CYCLES per
INSTRUCTION (Continued)
The following table shows the instructions assigned to un-
used opcodes This table is for information only The opera-
tions performed are subject to change without notice Do
not use these opcodes
Unused
Instruction
Unused
Instruction
Opcode
Opcode
60
NOP
A9
NOP
61
NOP
AF
LD A B
62
NOP
B1
C
x HC
63
NOP
B4
NOP
67
NOP
B5
NOP
8C
RET
B7
X A X
99
NOP
B9
NOP
9F
LD B
iBF
LD A X
A7
X A B
A8
NOP
Option List
The mask programmable options are listed out below The
options are programmed at the same time as the ROM pat-
tern to provide the user with hardware flexibility to use a
variety of oscillator configuration
OPTION 1 CKI INPUT
e
1 Crystal
(CKI10) CKO for crystal con-
figuration
e
2 External (CKI10) CKO available as G7
input
e
3 RC
(CKI10) CKO available as G7
input
OPTION 2 BONDING
e
1 44-Pin PLCC
e
2 40-Pin DIP
e
3 28-Pin SO
e
4 28-Pin DIP
The following option information is to be sent to National
along with the EPROM
Option Data
Option 1 Value
is CKI Input
Option 2 Value
is COP Bonding
Development Support
SUMMARY
 iceMASTERTM IM-COP8400Full feature in-circuit em-
ulation for all COP8 products A full set of COP8 Basic
and Feature Family device and package specific probes
are available
 COP8 Debug Module Moderate cost in-circuit emulation
and development programming unit
 COP8
Evaluation
and
Programming
Unit
EPU-
COP880Clow cost In-circuit simulation and develop-
ment programming unit
 Assembler COP8-DEV-IBMA A DOS installable cross
development Assembler
Linker
Librarian and Utility
Software Development Tool Kit
 C Compiler COP8C A DOS installable cross develop-
ment Software Tool Kit
 OTPEPROM Programmer Support Covering needs
from engineering prototype pilot production to full pro-
duction environments
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30