| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COPC980 bảng dữ liệu(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COPC980 bảng dữ liệu(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 30 page ![]() BYTES and CYCLES per INSTRUCTION (Continued) The following table shows the instructions assigned to un- used opcodes This table is for information only The opera- tions performed are subject to change without notice Do not use these opcodes Unused Instruction Unused Instruction Opcode Opcode 60 NOP A9 NOP 61 NOP AF LD A B 62 NOP B1 C x HC 63 NOP B4 NOP 67 NOP B5 NOP 8C RET B7 X A X 99 NOP B9 NOP 9F LD B iBF LD A X A7 X A B A8 NOP Option List The mask programmable options are listed out below The options are programmed at the same time as the ROM pat- tern to provide the user with hardware flexibility to use a variety of oscillator configuration OPTION 1 CKI INPUT e 1 Crystal (CKI10) CKO for crystal con- figuration e 2 External (CKI10) CKO available as G7 input e 3 RC (CKI10) CKO available as G7 input OPTION 2 BONDING e 1 44-Pin PLCC e 2 40-Pin DIP e 3 28-Pin SO e 4 28-Pin DIP The following option information is to be sent to National along with the EPROM Option Data Option 1 Value is CKI Input Option 2 Value is COP Bonding Development Support SUMMARY iceMASTERTM IM-COP8400Full feature in-circuit em- ulation for all COP8 products A full set of COP8 Basic and Feature Family device and package specific probes are available COP8 Debug Module Moderate cost in-circuit emulation and development programming unit COP8 Evaluation and Programming Unit EPU- COP880Clow cost In-circuit simulation and develop- ment programming unit Assembler COP8-DEV-IBMA A DOS installable cross development Assembler Linker Librarian and Utility Software Development Tool Kit C Compiler COP8C A DOS installable cross develop- ment Software Tool Kit OTPEPROM Programmer Support Covering needs from engineering prototype pilot production to full pro- duction environments http www nationalcom 21 |