| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CEP99P2 bảng dữ liệu(PDF) 2 Page - Sumida Corporation |
|
|
|||||||||||||||||||||||||||||
CEP99P2 bảng dữ liệu(HTML) 2 Page - Sumida Corporation |
|
2 / 2 page ![]() SPICE MODEL 使用時の確認事項 Notes at the time of use 1. SPICE MODEL(本モデル)は参考データとしてご使用願います。 Please use SPICE MODEL (this model) as reference data. 2. 本モデルの使用の際、生じました不具合、損失につきまして、弊社は一切責任を負いません。 In the case of use of this model, our company does not do any responsibility now [ negative ] about the fault and the loss which arose. 3. 本モデルの記載内容は予告無しに変更することがありますのでご了承ください。 Since it may change without a preliminary announcement, please understand the written contents of this model. 本データを使用された場合、上記に同意されたものとみなします。 When this data is used, it is regarded as that on which it has agreed above. SPICE Model Download |