công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RS2DF bảng dữ liệu(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

tên linh kiện RS2DF
Giải thích chi tiết về linh kiện  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Trang chủ  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

RS2DF bảng dữ liệu(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  RS2DF Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. RS2DF Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. RS2DF Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS2AF-RS2MF
SURFACE MOUNT FAST RECOVERY RECTIFIER
FEATURES
 Glass Passivated Die Construction
 Low reverse leakage
 Low Forward Voltage Drop and High Current Capability
 Ideally Suited for Automated Assembly
 Plastic Material: UL Flammability Classification Rating 94V-0
 Case: SMAF Molded plastic
 Terminals: Pure tin plated, lead free
 Polarity: Indicated by cathode band
 Weight:27mg (approx.)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive
load. For capacitive load, derate current by 20%.
Parameter
Symbol
RS2AF
RS2BF
RS2DF
RS2GF
RS2JF
RS2KF
RS2MF
Uni
t
Maximum Repetitive Peak Reverse Voltage
V
RRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
V
RMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
V
DC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current
at TA =75 °C
IF(AV)
2.0
A
Peak Forward Surge Current 8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC)
I
FSM
50.0
A
Maximum Instantaneous Forward Voltage at 2 A
V
F
1.3
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TA = 25 °C
TA =100 °C
I
R
5.0
50.0
µ A
Maximum reverse recovery time (NOTE1)
trr
150
250
500
nS
Typical Junction Capacitance (NOTE2)
C
J
50.0
pF
Maximum Thermal Resistance (NOTE3)
RθJA
20.0
°C/
W
Operating and Storage Temperature Range
T
J, TS
- 50 to + 150
°C
Note: 1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 3
MECHANICAL DATA
SMAF
Cathode
SMAF
Cathode


Số phần tương tự - RS2DF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdiode Semiconducto...
RS2DF CHENDA-RS2DF Datasheet
667Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS2DF YFWDIODE-RS2DF Datasheet
129Kb / 3P
Surface MountFast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
RS2DF SUNMATE-RS2DF Datasheet
450Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Guangdong Juxing Electr...
RS2DF JUXING-RS2DF Datasheet
682Kb / 3P
Fast Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
RS2DF YFWDIODE-RS2DF Datasheet
419Kb / 3P
Surface Mount Fast Recovery Rectifiers
More results

Mô tả tương tự - RS2DF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
RS1A PANJIT-RS1A_05 Datasheet
41Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FR3A-K SMC-FR3A-K Datasheet
172Kb / 4P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
FR1AF ETC2-FR1AF Datasheet
575Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
FR3AF ETC2-FR3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com