công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS1124YDR8 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện CS1124YDR8
Giải thích chi tiết về linh kiện  Dual Variable-Reluctance Sensor Interface IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS1124YDR8 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  CS1124YDR8 Datasheet HTML 1Page - ON Semiconductor CS1124YDR8 Datasheet HTML 2Page - ON Semiconductor CS1124YDR8 Datasheet HTML 3Page - ON Semiconductor CS1124YDR8 Datasheet HTML 4Page - ON Semiconductor CS1124YDR8 Datasheet HTML 5Page - ON Semiconductor CS1124YDR8 Datasheet HTML 6Page - ON Semiconductor CS1124YDR8 Datasheet HTML 7Page - ON Semiconductor CS1124YDR8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS1124
http://onsemi.com
3
PACKAGE PIN DESCRIPTION*
PACKAGE PIN #
SO–8
PIN SYMBOL
FUNCTION
1
INAdj
External resistor to ground that sets the trip levels of both channels.
Functions for both diagnostic and normal mode.
2
IN1
Input to channel 1.
3
IN2
Input to channel 2.
4
GND
Ground.
5
DIAG
Diagnostic mode switch. Normal mode is low.
6
OUT2
Output of channel 2.
7
OUT1
Output of channel 1.
8
VCC
Positive 5.0 volt supply input.
OUT1
To
µP
VCC
VCC
VCC
VCC
VCC
INP1
INAdj
DIAG
IN1
C1
R1
RRS
VRS
Variable
Reluctance
Sensor
+
–
COMP1
Active
Clamp
RAdj
GND
Figure 2. Application Diagram
THEORY OF OPERATION
NORMAL OPERATION
Figure 2 shows one channel of the CS1124 along with the
necessary external components. Both channels share the
INAdj pin as the negative input to a comparator. A brief
description of the components is as follows:
VRS – Ideal sinusoidal, ground referenced, sensor output
– amplitude usually increases with frequency, depending on
loading.
RRS – Source impedance of sensor.
R1/RAdj – External resistors for current limiting and
biasing.
INP1/INAdj – Internal current sources that determine trip
points via R1/RAdj.
COMP1 – Internal comparator with built–in hysteresis
set at 160 mV.
OUT1 – Output 0 V – 5.0 V square wave with the same
frequency as VRS.
By inspection, the voltage at the (+) and (–) terminals of
COMP1 with VRS = 0V are:
V+
+ INP1(R1 ) RRS)
(1)



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com