| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1124-D bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS1124-D bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 8 page ![]() CS1124 http://onsemi.com 2 MAXIMUM RATINGS* Rating Value Unit Storage Temperature Range –65 to 150 °C Ambient Operating Temperature –40 to 125 °C Supply Voltage Range (continuous) –0.3 to 7.0 V Input Voltage Range (at any input, R1 = R2 = 22 k) –250 to 250 V Maximum Junction Temperature 150 °C ESD Susceptibility (Human Body Model) 2.0 kV Lead Temperature Soldering: Reflow: (SMD styles only) (Note 1) 230 peak °C 1. 60 second maximum above 183 °C. *The maximum package power dissipation must be observed. ELECTRICAL CHARACTERISTICS (4.5 V < VCC < 5.5 V, –40°C < TA < 125°C, VDIAG = 0; unless otherwise specified.) Characteristic Test Conditions Min Typ Max Unit VCC SUPPLY Operating Current Supply VCC = 5.0 V – – 5.0 mA Sensor Inputs Input Threshold – Positive VDIAG = Low VDIAG = High 135 135 160 160 185 185 mV mV Input Threshold – Negative VDIAG = Low VDIAG = High –185 135 –160 160 –135 185 mV mV Input Bias Current (INP1, INP2) VIN = 0.336 V –16 –11 –6.0 µA Input Bias Current (DIAG) VDIAG = 0 V – – 1.0 µA Input Bias Current Factor (KI) (INAdj = INP × KI) VIN = 0.336 V, VDIAG = Low VIN = 0.336 V, VDIAG = High – 152 100 155 – 157 %INP %INP Bias Current Matching INP1 or INP2 to INAdj, VIN = 0.336 V –1.0 0 1.0 µA Input Clamp – Negative IIN = –50 µA IIN = –12 mA –0.5 –0.5 –0.25 –0.30 0 0 V V Input Clamp – Positive IIN = +12 mA 5.0 7.0 9.0 V Output Low Voltage IOUT = 1.6 mA – 0.2 0.4 V Output High Voltage IOUT = –1.6 mA VCC – 0.5 VCC – 0.2 – V Mode Change Time Delay – 0 – 20 µs Input to Output Delay IOUT = 1.0 mA – 1.0 20 µs Output Rise Time CLOAD = 30 pF – 0.5 2.0 µs Output Fall Time CLOAD = 30 pF – 0.05 2.0 µs Open–Sensor Positive Threshold VDIAG = High, RIN(Adj) = 40 k. Note 2 29.4 54 86.9 k Ω Logic Inputs DIAG Input Low Threshold – – – 0.2 × VCC V DIAG Input High Threshold – 0.7 × VCC – – V DIAG Input Resistance VIN = 0.3 × VCC , VCC = 5.0 V VIN = VCC, VCC = 5.0 V 8.0 8.0 22 22 70 70 k Ω k Ω 2. This parameter is guaranteed by design, but not parametrically tested in production. |