công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NLP-800 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện NLP-800
Giải thích chi tiết về linh kiện  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NLP-800 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  NLP-800 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Maximum Ratings
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
Low Pass Filter Electrical Specifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• test equipment
• video equipment
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
Low Pass Filter
REV. C
M151107
NLP-800+
150917
Coaxial
50
Ω
DC to 720 MHz
PASSBAND
(MHz)
fco (MHz)
Nom.
STOPBAND
(MHz)
VSWR
(:1)
(loss < 1 dB)
(loss 3 dB)
(loss > 20 dB)
(loss > 40 dB)
Passband
Typ.
Stopband
Typ.
DC-720
800
1080-1400
1400-2000
1.7
18
electrical schematic
INSERTION LOSS
0
16
32
48
64
80
1
10
100
1000
10000
FREQUENCY(MHz)
at RF level of 0 dBm
RETURN LOSS
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY(MHz)
at RF level of 0 dBm
GROUP DELAY
0.0
1.0
2.0
3.0
4.0
5.0
0
260
520
780
1040
1300
FREQUENCY (MHz)
at RF level of 0 dBm
typical frequency response
10.00
0.04
0.1
38.9
10.0
0.96
152.50
0.20
0.1
16.2
80.0
1.03
295.00
0.26
0.1
15.0
152.5
1.00
437.50
0.18
0.1
26.9
222.5
0.96
577.50
0.32
0.1
18.2
295.0
1.07
650.00
0.35
0.1
21.2
365.0
1.03
720.00
0.48
0.1
20.1
437.5
1.22
760.00
1.36
0.2
8.0
507.5
1.33
800.00
3.45
0.3
3.7
577.5
1.36
900.00
11.91
0.5
0.6
650.0
1.55
950.00
16.24
0.5
0.4
720.0
2.16
1000.00
20.40
0.6
0.3
740.0
2.17
1010.00
21.22
0.6
0.2
760.0
2.23
1050.00
24.40
0.7
0.2
780.0
2.36
1080.00
26.70
0.7
0.2
800.0
2.21
1100.00
28.21
0.7
0.2
900.0
1.27
1190.00
34.98
1.0
0.1
910.0
1.12
1250.00
39.81
1.3
0.1
950.0
1.02
1290.00
43.03
1.5
0.1
970.0
0.96
1300.00
43.66
1.4
0.1
1000.0
0.83
1400.00
53.30
3.1
0.1
1010.0
0.89
1500.00
64.81
3.4
0.1
1050.0
0.80
1600.00
68.20
6.6
0.1
1080.0
0.53
1700.00
66.77
2.9
0.1
1100.0
0.73
1720.00
68.97
6.7
0.1
1150.0
0.79
1735.00
70.75
8.2
0.1
1190.0
0.96
1800.00
71.72
6.9
0.1
1200.0
0.38
1820.00
65.74
5.8
0.1
1250.0
1.12
1900.00
61.76
6.1
0.1
1290.0
0.35
2000.00
56.62
3.2
0.1
1300.0
1.12
NLP-800+
Outline Drawing
Outline Dimensions (
)
Features
• rugged shielded case
• other NLP models available with wide selection of
cut-off frequencies
CASE STYLE: FF57
inch
mm
R F IN
R F OUT
40 dB
20 dB
3 dB
1 dB
F R E QUE NC Y / F co
DC
0.9
1
1.35
1.75
3
B
D
E
wt
.67
2.90
.82 grams
17.02 73.66 20.83
90.0
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Connectors
Model
N-Type
NLP-800+


Số phần tương tự - NLP-800

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
NLP-850 MINI-NLP-850 Datasheet
201Kb / 1P
Low Pass Filter
NLP-850+ MINI-NLP-850+ Datasheet
201Kb / 1P
Low Pass Filter
More results

Mô tả tương tự - NLP-800

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com