công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NLP-90 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện NLP-90
Giải thích chi tiết về linh kiện  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NLP-90 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  NLP-90 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Maximum Ratings
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
Low Pass Filter Electrical Specifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Applications
• lab use
• test equipment
• video equipment
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
Low Pass Filter
REV. B
M151107
NLP-90
150917
Coaxial
50
Ω
DC to 81 MHz
PASSBAND
(MHz)
fco (MHz)
Nom.
STOPBAND
(MHz)
VSWR
(:1)
(loss < 1 dB)
(loss 3 dB)
(loss > 20 dB)
(loss > 40 dB)
Passband
Typ.
Stopband
Typ.
DC-81
90
121-157
157-400
1.7
18
electrical schematic
INSERTION LOSS
0
20
40
60
80
100
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
RETURN LOSS
0
10
20
30
40
50
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
GROUP DELAY
0
6
12
18
24
30
0
51
102
153
204
255
FREQUENCY (MHz)
at RF level of 0 dBm
typical frequency response
1.00
0.05
0.1
42.0
1.00
9.672
12.50
0.14
0.1
37.5
12.50
9.503
24.00
0.18
0.1
27.7
24.00
9.491
35.50
0.31
0.1
18.7
35.50
9.776
46.50
0.42
0.1
14.9
46.50
10.240
58.00
0.43
0.1
16.1
58.00
11.244
81.00
0.69
0.1
17.0
81.00
15.573
87.00
1.28
0.4
9.7
84.00
17.894
90.00
2.01
0.5
7.6
87.00
19.997
93.00
6.43
0.9
3.8
90.00
24.263
97.00
8.74
1.0
1.7
93.00
21.734
104.01
12.94
1.1
0.8
97.00
17.532
111.00
16.72
1.2
0.5
104.00
15.893
115.52
21.91
1.2
0.1
111.00
12.218
121.03
26.16
1.2
0.2
115.50
5.804
130.03
32.40
1.3
0.3
121.00
5.229
140.04
38.50
1.4
0.3
130.00
3.892
145.04
41.31
1.4
0.3
135.00
2.740
150.04
43.98
1.5
0.3
140.00
0.487
155.05
46.76
1.7
0.3
145.00
0.841
157.05
47.69
1.8
0.3
150.00
2.060
184.06
60.11
2.9
0.3
155.00
7.687
206.57
66.87
1.4
0.3
157.00
5.680
229.58
75.03
5.6
0.2
184.00
5.380
252.57
74.83
7.6
0.2
195.50
5.060
298.08
76.96
7.1
0.1
206.50
4.740
321.08
75.07
4.9
0.1
218.00
4.320
355.57
73.10
4.4
0.1
229.50
4.010
378.08
75.50
4.8
0.1
241.00
3.760
400.07
74.56
6.3
0.1
252.50
3.450
NLP-90+
NLP-90
Outline Drawing
Outline Dimensions (
)
inch
mm
Features
• rugged shielded case
• other NLP models available with wide selection of
cut-off frequencies
CASE STYLE: FF57
R F IN
R F OUT
40 dB
20 dB
3 dB
1 dB
F R E QUE NC Y / F co
DC
0.9
1
1.35
1.75
3
B
D
E
wt
.67
2.90
.82 grams
17.02 73.66 20.83
90.0
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Connectors
Model
N-Type
NLP-90


Số phần tương tự - NLP-90

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IDEAL-TEK SA
NLP-1 IDEAL-TEK-NLP-1 Datasheet
205Kb / 1P
Cleaning Pen System
REV.00
logo
Mini-Circuits
NLP-1.9 MINI-NLP-1.9 Datasheet
169Kb / 1P
Low Pass Filter
NLP-1.9+ MINI-NLP-1.9+ Datasheet
169Kb / 1P
Low Pass Filter
NLP-10.7 MINI-NLP-10.7 Datasheet
175Kb / 1P
Low Pass Filter
NLP-10.7+ MINI-NLP-10.7+ Datasheet
175Kb / 1P
Low Pass Filter
More results

Mô tả tương tự - NLP-90

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com