công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF1504ASL bảng dữ liệu(PDF) 8 Page - ATMEL Corporation

tên linh kiện ATF1504ASL
Giải thích chi tiết về linh kiện  High performance Complex Programmable Logic Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL bảng dữ liệu(HTML) 8 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 4Page - ATMEL Corporation ATF1504ASL Datasheet HTML 5Page - ATMEL Corporation ATF1504ASL Datasheet HTML 6Page - ATMEL Corporation ATF1504ASL Datasheet HTML 7Page - ATMEL Corporation ATF1504ASL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation ATF1504ASL Datasheet HTML 10Page - ATMEL Corporation ATF1504ASL Datasheet HTML 11Page - ATMEL Corporation ATF1504ASL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
ATF1504AS(L)
0950N–PLD–07/02
Programmable Pin-
keeper Option for
Inputs and I/Os
The ATF1504AS offers the option of programming all input and I/O pins so that pin-
keeper circuits can be utilized. When any pin is driven high or low and then subse-
quently left floating, it will stay at that previous high- or low-level. This circuitry prevents
unused input and I/O lines from floating to intermediate voltage levels, which causes
unnecessary power consumption and system noise. The keeper circuits eliminate the
need for external pull-up resistors and eliminate their DC power consumption.
Input Diagram
Speed/Power
Management
The ATF1504AS has several built-in speed and power management features. The
ATF1504AS contains circuitry that automatically puts the device into a low-power
standby mode when no logic transitions are occurring. This not only reduces power con-
sumption during inactive periods, but also provides proportional power savings for most
applications running at system speeds below 5 MHz. This feature may be selected as a
device option.
I/O Diagram
To further reduce power, each ATF1504AS macrocell has a Reduced Power bit feature.
This feature allows individual macrocells to be configured for maximum power savings.
This feature may be selected as a design option.
All ATF1504AS also have an optional power-down mode. In this mode, current drops to
below 10 mA. When the power-down option is selected, either PD1 or PD2 pins (or
both) can be used to power-down the part. The power-down option is selected in the
design source file. When enabled, the device goes into power-down when either PD1 or
PD2 is high. In the power-down mode, all internal logic signals are latched and held, as
are any enabled outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com