công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMB12-04BNPVC0K bảng dữ liệu(PDF) 6 Page - SICK AG

tên linh kiện IMB12-04BNPVC0K
Giải thích chi tiết về linh kiện  INDUCTIVE PROXIMITY SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SICK [SICK AG]
Trang chủ  http://www.sick.com/
Logo SICK - SICK AG

IMB12-04BNPVC0K bảng dữ liệu(HTML) 6 Page - SICK AG

  IMB12-04BNPVC0K Datasheet HTML 1Page - SICK AG IMB12-04BNPVC0K Datasheet HTML 2Page - SICK AG IMB12-04BNPVC0K Datasheet HTML 3Page - SICK AG IMB12-04BNPVC0K Datasheet HTML 4Page - SICK AG IMB12-04BNPVC0K Datasheet HTML 5Page - SICK AG IMB12-04BNPVC0K Datasheet HTML 6Page - SICK AG IMB12-04BNPVC0K Datasheet HTML 7Page - SICK AG IMB12-04BNPVC0K Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMB12-04BNPVC0K | IMB
INDUCTIVE PROXIMITY SENSORS
Brief description
Type
Part no.
Head A: female connector, M12, 4-pin, angled with LED
Head B: Flying leads
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-L05MRN
6058483
Head A: female connector, M12, 4-pin, angled
Head B: Flying leads
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-W02MRN
6058474
Head A: female connector, M12, 4-pin, angled
Head B: Flying leads
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-W05MRN
6058477
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YF2A14-020UB3XLEAX
2095607
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YF2A14-050UB3XLEAX
2095608
Head A: female connector, M12, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YG2A14-050UB3XLEAX
2095767
Head A: male connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YM2A14-020UB3XLEAX
2095867
Head A: male connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YM2A14-050UB3XLEAX
2095858
Head A: male connector, M12, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YN2A14-050UB3XLEAX
2096628
Head A: female connector, M12, 4-pin, angled
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DSL-1204-B02MRN
6058502
Head A: female connector, M12, 4-pin, angled
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DSL-1204-B05MRN
6058503
Head A: female connector, M12, 4-pin, straight
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DSL-1204-G02MRN
6058499
6
PROXIMITY SENSORS | SICK
Online data sheet | 2018-05-04 11:42:19
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com