công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZABP-59 bảng dữ liệu(PDF) 2 Page - Mini-Circuits

tên linh kiện ZABP-59
Giải thích chi tiết về linh kiện  Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZABP-59 bảng dữ liệu(HTML) 2 Page - Mini-Circuits

  ZABP-59 Datasheet HTML 1Page - Mini-Circuits ZABP-59 Datasheet HTML 2Page - Mini-Circuits ZABP-59 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial
ZABP-59+
Electrical Specifications at 25°C
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
-
-
-
59
-
MHz
Insertion Loss
F1-F2
30-88
-
1.0
2.5
dB
VSWR
F1-F2
30-88
-
1.3
1.9
:1
Stop Band, Lower
Insertion Loss
DC-F3
DC - 16
50
57
-
dB
F3-F4
16-22
20
30
-
dB
VSWR
DC-F4
DC - 22
-
20
-
:1
Stop Band, Upper
Insertion Loss
F5-F6
115-140
20
25
-
dB
F6-F7
140-600
40
48
-
dB
F7-F8
600-1100
30
38
-
dB
F8-F9
1100-3000
-
45
-
dB
F9-F10
3000-4000
-
30
-
dB
VSWR
F5-F10
115-4000
-
10
-
:1
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.25 W max.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
M166064
ZABP-59+
EDU2908
URJ
180428
Page 2 of 3
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
F1
F2
FREQUENCY (MHz)
F5 F6 F7
DC
F4
F8
F3
F9 F10
50W
30 to 88 MHz
Bandpass Filter
0
10
20
30
40
50
20
35
50
65
80
95
110
125
FREQUENCY (MHz)
ZABP-59+
INSERTION LOSS (Zoomed)
Applications
• Telecommunication and broadband networks
• Air traffic control communication
• Private and Public land mobile
• Transmitters/ Receivers
• Test equipment
Features
• Broader bandwidth
• Low insertion loss
• High rejection
• Wide stopband
• Connectorized package
CASE STYLE: UU1842
Connectors
Model
SMA-M\F
ZABP-59-S+
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(ns)
1.0
74.08
13931.97
30
60.69
16.0
61.92
286.71
32
44.85
22.0
33.18
80.92
34
33.88
22.2
31.56
77.12
36
31.31
23.8
19.77
42.69
38
28.74
26.6
3.41
3.78
40
26.20
30.0
0.67
1.22
45
20.68
59.0
0.51
1.20
50
17.65
88.0
1.00
1.07
55
15.90
91.0
1.17
1.02
58
15.23
93.0
1.36
1.15
59
15.06
99.0
3.45
2.50
60
14.90
112.0
20.20
13.96
65
14.44
115.0
24.88
16.03
68
14.38
119.0
31.55
18.07
70
14.43
140.0
54.19
23.48
74
14.73
600.0
66.08
33.82
78
15.32
1100.0
70.56
18.91
80
15.75
3000.0
59.68
4.00
85
17.45
4000.0
44.88
7.40
88
19.15
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
0
10
20
30
40
50
60
70
80
1
10
100
1000
10000
FREQUENCY (MHz)
ZABP-59+
INSERTION LOSS (Full band)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
25
40
55
70
85
100
FREQUENCY (MHz)
ZABP-59+
VSWR
0
20
40
60
80
100
120
25
35
45
55
65
75
85
95
105
FREQUENCY (MHz)
ZABP-59+
GROUP DELAY



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com