| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC4231 bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4231 bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 6 page ![]() 2 dc2161af DEMO MANUAL DC2161A DC2161A contains 3 jumpers. A description of each jumper follows. JP1,UV/OV.Thisjumperselectswhetherornotundervolt- age or overvoltage lockout is enabled. When the jumper is in the disable position, a UV or OV condition will not block operation of the Hot Swap Controller. The default is ENABLE. JP2, IQ. The LTC4231 is a low power device, meaning it draws very little current to perform its function. Any board leakageontheGATEpincausedbyboardcontaminationor adefectiveMOSFETwillcausethiscurrenttoincrease.JP2, whenintheMEASUREIQposition,facilitatesmeasurement of the quiescent current of the LTC4231 exclusive of the current of other components on the board, such as LED OPERATING PRINCIPLES D2, output coupling capacitor C3, TVS diode D1, capacitor C1, voltage divider R6, R7, R8 and R9, or any leakage on the board. This current is measured via a microammeter connected between turret E7 and GND. If the MEASURE IQ position is selected, verify a microammeter is connected to prevent damage to the board via leakage between VIN and the gate of the MOSFETs. The default position for JP2 is NORMAL. JP3, ENABLE. This jumper either enables or disables the output or provides external control of the output. This is provided by the ON pin of the LTC4231. When in the ON position, the 12V VOUT is enabled. When in the OFF posi- tion, the 12V VOUT is disabled. When in the EXT position, the ON pin is connected via a 100kΩ resistor from turret E9 to the ON pin of the LTC4231. A logic 1 on this pin will enable the 12V VOUT. The default position for JP3 is ON. The LTC4231 is a Micropower Hot Swap Controller that has a 2.7V to 36V operating range and a –40V to 40V ab- solute maximum voltage for the IN pin. This demo circuit is populated for +12V operation, but it can easily be re- adjusted for any voltage between 2.7V and 36V by replac- ing R6, R7, R8, and R9 in the UVL, UVH, and OV divider string. These values should be selected using guidelines suggested in the LTC4231 data sheet to minimize current drain. The DC2161A is populated with a Si7960DP dual MOSFET with one section used as a pass MOSFET and the other section used for reverse voltage protection. It also has a 15mΩ sense resistor. This combination provides an output current of 3A. Pads are provided on the PCB for external MOSFET and sense resistor connections for other voltages and currents. JUMPERS |