công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM100N30DF bảng dữ liệu(PDF) 2 Page - Rectron Semiconductor

tên linh kiện RM100N30DF
Giải thích chi tiết về linh kiện  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM100N30DF bảng dữ liệu(HTML) 2 Page - Rectron Semiconductor

  RM100N30DF Datasheet HTML 1Page - Rectron Semiconductor RM100N30DF Datasheet HTML 2Page - Rectron Semiconductor RM100N30DF Datasheet HTML 3Page - Rectron Semiconductor RM100N30DF Datasheet HTML 4Page - Rectron Semiconductor RM100N30DF Datasheet HTML 5Page - Rectron Semiconductor RM100N30DF Datasheet HTML 6Page - Rectron Semiconductor RM100N30DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
R JC
2.3
/W
Electrical Characteristics (TC=25
unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250A
30
35
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V,VGS=0V
-
-
1
A
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250A
1.2
1.7
2.5
V
VGS=10V, ID=20A
-
1.9
2.5
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=10A
2.9
3.5
m
Forward Transconductance
gFS
VDS=10V,ID=20A
32
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
5000
-
PF
Output Capacitance
Coss
-
1135
-
PF
Reverse Transfer Capacitance
Crss
VDS=15V,VGS=0V,
F=1.0MHz
-
563
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
26
-
nS
Turn-on Rise Time
tr
-
24
-
nS
Turn-Off Delay Time
td(off)
-
91
-
nS
Turn-Off Fall Time
tf
VDD=15V, RL=15
VGS=10V,RG=2.5
-
39
-
nS
Total Gate Charge
Qg
-
38
nC
Gate-Source Charge
Qgs
-
9
nC
Gate-Drain Charge
Qgd
VDS=15V,ID=20A,
VGS=10V
-
13
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=10A
-
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
100
A
Reverse Recovery Time
trr
-
42
-
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = 20A
di/dt = 100A/s
(Note3)
-
39
-
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ” 10 sec.
3. Pulse Test: Pulse Width ” 300 s, Duty Cycle ” 2%.
4. Guaranteed by design, not subject to production



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com