công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RM50N150DF bảng dữ liệu(PDF) 2 Page - Rectron Semiconductor

tên linh kiện RM50N150DF
Giải thích chi tiết về linh kiện  N-Channel Super Trench Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM50N150DF bảng dữ liệu(HTML) 2 Page - Rectron Semiconductor

  RM50N150DF Datasheet HTML 1Page - Rectron Semiconductor RM50N150DF Datasheet HTML 2Page - Rectron Semiconductor RM50N150DF Datasheet HTML 3Page - Rectron Semiconductor RM50N150DF Datasheet HTML 4Page - Rectron Semiconductor RM50N150DF Datasheet HTML 5Page - Rectron Semiconductor RM50N150DF Datasheet HTML 6Page - Rectron Semiconductor RM50N150DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (TC=25
unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250A
150
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=150V,VGS=0V
-
-
1
A
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250A
2.5
-
4.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=30A
-
14
19
m
Forward Transconductance
gFS
VDS=10V,ID=30A
-
40
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
5200
-
PF
Output Capacitance
Coss
-
600
-
PF
Reverse Transfer Capacitance
Crss
VDS=50V,VGS=0V,
F=1.0MHz
-
29
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
19
-
nS
Turn-on Rise Time
tr
-
45
-
nS
Turn-Off Delay Time
td(off)
-
31
-
nS
Turn-Off Fall Time
tf
VDD=75V,ID=30A
VGS=10V,RG=4.7
-
10
-
nS
Total Gate Charge
Qg
-
48
nC
Gate-Source Charge
Qgs
-
15
nC
Gate-Drain Charge
Qgd
VDS=75V,ID=30A,
VGS=10V
-
8
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=30A
-
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
50
A
Reverse Recovery Time
trr
-
58
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = IS
di/dt = 100A/s
(Note3)
-
135
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ” 10 sec.
3. Pulse Test: Pulse Width ” 300 s, Duty Cycle ” 2%.
4. Guaranteed by design, not subject to production
5. EAS condition : Tj=25
,VDD=50V,VG=10V,L=0.5mH,Rg=25



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com