công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP7748SGF bảng dữ liệu(PDF) 1 Page - Monolithic Power Systems

tên linh kiện MP7748SGF
Giải thích chi tiết về linh kiện  2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748SGF bảng dữ liệu(HTML) 1 Page - Monolithic Power Systems

  MP7748SGF Datasheet HTML 1Page - Monolithic Power Systems MP7748SGF Datasheet HTML 2Page - Monolithic Power Systems MP7748SGF Datasheet HTML 3Page - Monolithic Power Systems MP7748SGF Datasheet HTML 4Page - Monolithic Power Systems MP7748SGF Datasheet HTML 5Page - Monolithic Power Systems MP7748SGF Datasheet HTML 6Page - Monolithic Power Systems MP7748SGF Datasheet HTML 7Page - Monolithic Power Systems MP7748SGF Datasheet HTML 8Page - Monolithic Power Systems MP7748SGF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP7748S
2 x 30W Stereo Single Ended
Or 60W Mono BTL Class D Audio Amplifier
MP7748S Rev. 1.0
www.MonolithicPower.com
1
10/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP7748S is a Class D Audio Amplifier for
driving
stereo
speakers
in
single-ended
configuration or a mono speaker in bridge-tied-
load configuration. It is fully integrated audio
amplifier which dramatically reduces solution
size by integrating the following:
20
0mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
The MP7748S is capable of delivering 30W per
channel
into 4Ω speaker in single-ended output
structure, or delivering 60W into 8
Ω speaker in
bridge-tied-load output structure. MPS Class D
Audio Amplifiers exhibit the high fidelity of a
Class A/B amplifier at high efficiencies. The
circuit is based on the MPS’ proprietary variable
frequency
topology
that
delivers
excellent
linearity, fast response time and operates on a
single power supply.
MP7748S
features
programmable
VDD
shutdown
voltage
for
each
channel
by
controlling the UVP node voltage. The default
VDD shutdown (rising threshold) voltage is 8.4V
if the UVP pin is NC.
The
MP7748S
is
available
in
TSSOP28-
Exposed Package.
FEATURES
 9.5V to 36V Operation from a Single Supply
 ±5.5A Peak Current Output
 Output Power at 30V and 10%THD:
- Stereo Single Ended: 2 x 30W into 4
Ω Load,
- Bridge Tied Load: 60W into 8
Ω Load
 THD+N = 0.02% at 1W, 8Ω
 > 90% Efficiency at 10%THD
 Low Noise (160μV with SE configuration,
145
μV with BTL configuration)
 Switching Frequency Up to 1MHz
 Integrated Startup and Shutdown Pop
Elimination Circuit
 Programmable UVP
 Thermal and Short Circuit Protection
 Integrated Power FETs
 Available in TSSOP28-Exposed Package
APPLICATIONS
 Portable Docking Stations
 Surround Sound DVD Systems
 Televisions
 Flat Panel Monitors
 Multimedia Computers
 Home Stereo Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Số phần tương tự - MP7748SGF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
MP7748DF MPS-MP7748DF Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
More results

Mô tả tương tự - MP7748SGF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Monolithic Power System...
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
Monolithic Power System...
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
MP7770 MPS-MP7770 Datasheet
973Kb / 23P
2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
EV7731DF-00A MPS-EV7731DF-00A Datasheet
209Kb / 6P
30W Class D Mono Bridged Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com