| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3KE110A bảng dữ liệu(PDF) 2 Page - SUNMATE electronic Co., LTD |
|
|
|||||||||||||||||||||||||||||
3KE110A bảng dữ liệu(HTML) 2 Page - SUNMATE electronic Co., LTD |
|
2 / 3 page ![]() 2 of 3 RWM RWM 3KE130CA 3KE120CA 3KE150CA 3KE160CA 3KE170CA 3KE180CA 3KE110CA 3KE100CA 3KE170A 3KE160A 3KE150A 3KE130A 3KE75CA 3KE70CA 3KE64CA 3KE60CA 3KE54CA 3KE51CA 3KE78CA 3KE48CA 3KE110A 3KE120A 3KE100A 3KE90CA 3KE85CA 3KE58CA 3KE45CA 3KE43CA 3KE40CA 3KE36CA 3KE33CA 3KE30CA 3KE28CA 3KE26CA 3KE24CA 3KE22CA 3KE20CA 3KE18CA 3KE17CA 3KE16CA 3KE15CA 3KE14CA 3KE13CA 3KE12CA 3KE11CA 3KE10CA 3KE9.0CA 3KE8.5CA 3KE8.0CA 3KE7.5CA 3KE7.0CA 3KE6.5CA 3KE6.0CA 3KE6.0A 3KE5.0CA 3KE180A 3KE90A 3KE85A 3KE75A 3KE78A 3KE70A 3KE64A 3KE60A 3KE58A 3KE54A 3KE51A 3KE48A 3KE45A 3KE43A 3KE40A 3KE36A 3KE33A 3KE30A 3KE28A 3KE26A 3KE24A 3KE22A 3KE20A 3KE17A 3KE18A 3KE16A 3KE15A 3KE14A 3KE13A 3KE12A 3KE11A 3KE10A 3KE8.5A 3KE9.0A 3KE8.0A 3KE7.5A 3KE7.0A 3KE6.5A 3KE5.0A 36.00 40.00 44.20 5 58.1 51.6 10 For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is ± 10% 5.00 6.40 7.00 50 9.2 326.1 2000 6.00 6.67 7.37 50 10.3 291.3 2000 6.50 7.22 7.98 50 11.2 267.9 1000 180.00 200.00 233.00 5 289.0 10.4 10 170.00 189.00 209.00 5 275.0 10.9 10 160.00 178.00 197.00 5 259.0 11.6 10 150.00 167.00 185.00 5 243.0 12.3 10 130.00 144.00 159.00 5 209.0 14.4 10 120.00 133.00 147.00 5 193.0 15.5 10 110.00 122.00 135.00 5 177.0 16.9 10 100.00 111.00 123.00 5 162.0 18.5 10 90.00 100.00 111.00 5 146.0 20.5 10 85.00 94.40 104.00 5 137.0 21.9 10 78.00 86.70 95.80 5 126.0 23.8 10 75.00 83.30 92.10 5 121.0 24.8 10 70.00 77.80 86.00 5 113.0 26.5 10 64.00 71.10 78.60 5 103.0 29.1 10 58.00 64.40 71.20 5 93.6 32.1 10 54.00 60.00 66.30 5 87.1 34.4 10 51.00 56.70 62.70 5 82.4 36.4 10 48.00 53.30 58.90 5 77.4 38.8 10 45.00 50.00 55.30 5 72.7 41.3 10 43.00 47.80 52.80 5 69.4 43.2 10 40.00 44.40 49.10 5 64.5 46.5 10 33.00 36.70 40.60 5 53.3 56.3 10 17.00 18.90 20.90 5 27.6 108.7 10 7.00 7.78 8.60 50 12.0 250.0 400 7.50 8.33 9.21 5 12.9 232.6 200 8.00 8.89 9.83 5 13.6 220.6 100 8.50 9.44 10.40 5 14.4 208.3 50 10.00 11.10 12.30 5 17.0 176.5 15 11.00 12.20 13.50 5 18.2 168.8 10 9.00 10.00 11.10 5 15.4 194.8 20 16.00 17.80 19.70 5 26.0 115.4 10 12.00 13.30 14.70 5 19.9 150.8 10 13.00 14.40 15.90 5 21.5 139.5 10 14.00 15.60 17.20 5 23.2 129.3 10 15.00 16.70 18.50 5 24.4 123.0 10 60.00 66.70 73.70 5 96.8 31.0 10 18.00 20.00 22.10 5 29.2 102.7 10 20.00 22.20 24.50 5 32.4 92.6 10 22.00 24.40 26.90 5 35.5 84.5 10 24.00 26.70 29.50 5 38.9 77.1 10 30.00 33.30 36.80 5 48.4 62.0 10 28.00 31.10 34.40 5 45.4 66.1 10 26.00 28.90 31.90 5 42.1 71.3 10 Breakdown Reverse Stand-Off Voltage Voltage Min. @IT Breakdown Voltage Max. @ IT Test Current Maximum Clamping Voltage @IPP Peak Pulse Current Reverse Leakage @V V (V) VBR MIN(V) IPP(A) IR(uA) VC(V) VBR MAX(V) TYPE IT (mA) (BI) (UNI) www.sunmate.tw |