công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP4027 bảng dữ liệu(PDF) 4 Page - Monolithic Power Systems

tên linh kiện MP4027
Giải thích chi tiết về linh kiện  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 bảng dữ liệu(HTML) 4 Page - Monolithic Power Systems

  MP4027 Datasheet HTML 1Page - Monolithic Power Systems MP4027 Datasheet HTML 2Page - Monolithic Power Systems MP4027 Datasheet HTML 3Page - Monolithic Power Systems MP4027 Datasheet HTML 4Page - Monolithic Power Systems MP4027 Datasheet HTML 5Page - Monolithic Power Systems MP4027 Datasheet HTML 6Page - Monolithic Power Systems MP4027 Datasheet HTML 7Page - Monolithic Power Systems MP4027 Datasheet HTML 8Page - Monolithic Power Systems MP4027 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
4
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values are at VCC = 20V, TJ = +25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 20V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating Range
VCC
After turn on
12
28
V
Turn-On Threshold
VCCON
VCC rising edge
23.0
25.5
28.0
V
Turn-Off Threshold
VCCOFF
VCC falling edge
8.4
9.5
11.0
V
Hysteretic Voltage
VCCHYS
14.2
15.7
17.3
V
Supply Current
Start-Up Current
ISTARTUP
VCC= VCCON -1V
20
50
µA
Quiescent Current
IQ
No switching
0.6
0.82
mA
Operating Current Under Fault
Condition
No switching
2
mA
Operating Current
ICC
fs =70kHz, CGATE=1nF
2
3
mA
Multiplier
Linear Operation Range
VMULT
0
3
V
Gain
K
(5)
1.3
1/V
Brown-Out Protection Threshold
280
298
316
mV
Brown-Out Detection Time
25
42
60
ms
Brown-Out Protection Hysteretic
Voltage
90
100
110
mV
NTC
High-Threshold Voltage
VH_NTC
1.17
1.23
1.29
V
Low-Threshold Voltage
VL_NTC
0.67
0.77
0.87
V
Shutdown Threshold
VSD_NTC
0.355
0.39
0.425
V
Shutdown-Voltage Hysteretic
85
100
115
mV
Pull-Up Current Source
IPULL_UP
44
54
64
μA
Leakage Current
ILEAKAGE
1
μA
Error Amplifier
Reference Voltage
VREF
0.401
0.413
0.425
V
Transconductance
(6)
GEA
125
µA/V
Upper Clamp Voltage
VCOMP_H
4.5
4.75
5.1
V
Lower Clamp Voltage
VCOMP_L
1.42
1.5
1.58
V
Max. Source Current
(6)
ICOMP_SOURCE
50
µA
Max. Sink Current
(6)
ICOMP_SINK
-200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com