| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP4026 bảng dữ liệu(PDF) 18 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4026 bảng dữ liệu(HTML) 18 Page - Monolithic Power Systems |
|
18 / 18 page ![]() MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP4026 Rev. 1.1 www.MonolithicPower.com 18 9/9/2015 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2015 MPS. All Rights Reserved. PACKAGE INFORMATION TSOT23-6 0.30 0.50 SEATING PLANE 0.95 BSC 0.84 0.90 1.00 MAX 0.00 0.10 TOP VIEW FRONT VIEW SIDE VIEW RECOMMENDED LA ND PATTERN 2.80 3.00 1.50 1.70 2.60 3.00 13 4 6 0.09 0.20 NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH , PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY(BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB. 6) DRAWING IS NOT TO SCALE. 7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM LEFT TO RIGHT, (SEE EXAMPLE TOP MARK) 0.30 0.50 0 o-8o 0.25 BSC GAUGE PLANE 2.60 TYP 1.20 TYP 0.95 BSC 0.60 TYP SEE DETAIL "A" DETAIL “A” AAAA PIN 1 See Note 7 EXAMPLE TOP MARK |