công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VC-8200 bảng dữ liệu(PDF) 3 Page - Lightel Technologies INC.

tên linh kiện VC-8200
Giải thích chi tiết về linh kiện  The one comprehensive tool for field inspection, analysis and cleaning.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LIGHTEL [Lightel Technologies INC.]
Trang chủ  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

VC-8200 bảng dữ liệu(HTML) 3 Page - Lightel Technologies INC.

  VC-8200 Datasheet HTML 1Page - Lightel Technologies INC. VC-8200 Datasheet HTML 2Page - Lightel Technologies INC. VC-8200 Datasheet HTML 3Page - Lightel Technologies INC. VC-8200 Datasheet HTML 4Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Analyzing Connectors
ViewConn Pro Power Meter
Analyzing connectors is as easy as capturing the
images. Select analysis and touch the connector
portion of the screen.
No calibration is
necessary. Just select Single mode or Multimode.
ConnectorView Plus software
uses IEC 61300-3-35 as the
default standard for its analysis,
but the acceptance criteria
can be modified to allow for
different corporate standards.
Multiple standards can be stored and reused. A new Summary
Report is automatically generated whenever criteria are changed.
You can easily go back and view
any
Analysis Report or
image you have saved.
ViewConn Pro has an
optional integrated power meter.This
add-in module can be installed by Lightel or can be easily installed by the
user. Two versions are available for standard or for higher power ranges.
Readings can be taken by themselves or linked to an Analysis Report.
The data from each saved report is also automatically saved in a Summary Report.
The
ConnectorView Plus
software can be set to automatically
save the Analysis Report or you can
choose to save only selected reports. Again it’s as simple as a
touch of the screen.
VC8-OPM installed
in ViewConn Pro



Html Pages

1 2 3 4