| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP6302 bảng dữ liệu(PDF) 8 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP6302 bảng dữ liệu(HTML) 8 Page - Monolithic Power Systems |
|
8 / 12 page ![]() MP6302 – ENERGY STORAGE AND RELEASE CONTROL IC MP6302 Rev. 1.02 www.MonolithicPower.com 8 7/17/2015 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2015 MPS. All Rights Reserved. Input Power Good Indicator When the FB2 voltage, feedback voltage for the input power, is higher than 1.05XVFB2, the PGIN pin can be pulled up to high logic. Connect a resistor across VIN and PGIN can drive PGIN high. When the FB voltage is lower than 1.00XVFB2, the PGIN voltage will be internally pulled low. Logic Control VM A X BS T VIN FB 2 FB 1 STR G GN D Charge / Release Circuitry PG IN PG S C urrent Lim it Cstrg Auto- Refrsh Figure 3—Functional Block Diagram |