| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS58C1001 bảng dữ liệu(PDF) 16 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS58C1001 bảng dữ liệu(HTML) 16 Page - Austin Semiconductor |
|
16 / 19 page ![]() EEPROM AS58C1001 Austin Semiconductor, Inc. AS58C1001 Rev. 4.0 3/01 Austin Semiconductor, Inc. reserves the right to change products or specifications without notice. 16 *All measurements are in inches. ASI Case #306 (Package Designator F) SMD 5962-38267, Case Outline M MECHANICAL DEFINITIONS* MIN MAX A 0.097 0.123 A1 0.090 0.110 b 0.015 0.019 c 0.003 0.007 D 0.810 0.830 D2 0.745 0.755 E 0.425 0.445 E1 0.330 0.356 e 0.045 0.055 H 1.000 1.100 L 0.290 0.310 Q 0.026 0.037 SYMBOL SMD SPECIFICATIONS NOTE: All drawings are per the SMD. ASI's package dimensional limits may differ, but they will be within the SMD limits. D E L e b Top View H c E1 A Q D2 A1 |