công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE6217 bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG

tên linh kiện TLE6217
Giải thích chi tiết về linh kiện  Smart Quad Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6217 bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6217 Datasheet HTML 2Page - Infineon Technologies AG TLE6217 Datasheet HTML 3Page - Infineon Technologies AG TLE6217 Datasheet HTML 4Page - Infineon Technologies AG TLE6217 Datasheet HTML 5Page - Infineon Technologies AG TLE6217 Datasheet HTML 6Page - Infineon Technologies AG TLE6217 Datasheet HTML 7Page - Infineon Technologies AG TLE6217 Datasheet HTML 8Page - Infineon Technologies AG TLE6217 Datasheet HTML 9Page - Infineon Technologies AG TLE6217 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Preliminary Datasheet TLE 6217
V5
Page 6 of 20
30. 07. 2002
Electrical Characteristics
Parameter and Conditions
Symbol Values
Unit
VS = 4.8 to 18 V ; Tj = - 40 °C to + 150 °C
(unless otherwise specified)
min
typ
max
1. Power Supply (VS)
Supply current (Outputs ON)
IS
8
mA
Supply current (Outputs OFF)
VENA = L, VSTBY = H
IS
4
mA
Standby current
VSTBY = L
IS
10
µA
Operating voltage
VS
4.8
32
V
2. Power Outputs
ON state resistance Channel 1,2
Tj = 25
° C
ID = 1A; VS
≥ 9.5 V
Tj = 150°C
RDS(ON)
0.2
0.5
Ω
ON state resistance Channel 3,4
Tj = 25
° C
ID = 1A; VS
≥ 9.5 V
Tj = 150°C
RDS(ON)
0.35
0.75
Ω
Z-Diode clamping voltage (OUT1...4)
ID
≥ 100 mA
VDS(AZ)
45
60
V
Pull down current
VSTBY = H, VIN = L
IPD
10
20
50
µA
Output Leakage Current
VSTBY = L
Tj = -40°C...150°C
wafer test at 25°C
IDlk
5
1
µA
µA
Output turn on delay time
1
ID = 1 A
Output turn off delay time
1
ID = 1 A
Output on fall time
1
ID = 1 A
Output off rise time
1
ID = 1 A
Overload switch-off delay time
1
Output off status delay time
2
Failure extension Time for Status Report
Input Suppression Time
Open Load (off) filtering Time
2
ton
toff
tfall
trise
tDSO
tD
tD-failure
tD-IN
tfOL(off)
0
0
3
3
20
500
500
500
10
5
10
10
10
1200
1200
1200
30
20
30
30
30
100
3000
3000
3000
100
µs
3. Digital Inputs (IN1, IN2, IN3, IN4, ENA)
Input low voltage
VINL
- 0.3
1.0
V
Input high voltage
VINH
2.0
6.0
V
Input voltage hysteresis
2
VINHys
50
100
mV
Input pull down current
VIN = 5 V; VS
≥ 6.5 V
IIN
10
30
60
µA
Enable pull down current
VENA = 5 V; VS
≥ 6.5 V
IENA
10
20
40
µA
4. Digital Status Outputs (ST1 - ST4) Open Drain
Output voltage low
IST = 2 mA
VSTL
0.5
V
Leakage current high
ISTH
2
µA
1 See timing diagram, resistive load condition; V
S
≥ 9 V
2 This parameter will not be tested but assured by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com