| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M56733AFP bảng dữ liệu(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M56733AFP bảng dữ liệu(HTML) 2 Page - Mitsubishi Electric Semiconductor |
|
2 / 4 page ![]() 3-PHASE BRUSHLESS MOTOR CONTROL M56733AFP MITSUBISHI <CONTROL / DRIVER IC> ABSOLUTE MAXIMUM RATINGS (Ta=25˚C) TYPICAL CHARACTERISTICS 6,13,21 – 24,32,33 (pin number) 0 – VCC Symbol Ratings Unit Parameter Conditions VCC VHD Io VIN Pt K θ Tj Topr Tstg Supply voltage Between 21 and 22, between 23 and 24, between 32 and 33 (pin number) 15 1.0 150 -20 – 75 -40 – 125 V A V W °C/W °C °C °C Output current Power dissipation Thermal derating Temperature at junction Operating temperature Storage temperature Use of infinite heat sink Use of infinite heat sink fIN 5 Hole amplifier, differential input voltage 1000 4.5 27.8 V kHz Apply voltage at pin Clock frequency 5.0 3.0 0 25 150 Ambient temperature Ta ( °C) 50 125 1.0 2.0 4.0 100 0 Thermal derating (Maximum rating) With infinite heat sink used 75 4.5 Free air |