| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MM74HCT03N bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM74HCT03N bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF9395 January 1988 MM54HCT03MM74HCT03 Quad 2-Input NAND Gate (Open Drain) General Description The MM54HCT03MM74HCT03 are logic functions fabri- cated by using advanced silicon-gate CMOS technology which provides the inherent benefits of CMOSlow quies- cent power and wide power supply range These devices are input and output characteristic and pinout compatible with standard DM54LS74LS logic families All inputs are protected from static discharge damage by internal diodes to VCC and ground MM54HCTMM74HCT devices are intended to interface be- tween TTL and NMOS components and standard CMOS devices These parts are also plug-in replacements for LS- TTL devices and can be used to reduce power consumption in existing designs Features Y TTL LS pin-out and threshold compatible Y Fast switching tPLH tPHL e 12 ns (typ) Y Low power 10 mWatDC Y High fan-out 10 LS-TTL loads Connection and Logic Diagrams Dual-In-Line Package TLF9395 – 1 Order Number MM54HCT03 or MM74HCT03 TLF9395 – 2 C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Số phần tương tự - MM74HCT03N |
|
Mô tả tương tự - MM74HCT03N |