| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADLS15PC-162 bảng dữ liệu(PDF) 3 Page - ADL Embedded Solutions |
|
|
|||||||||||||||||||||||||||||
ADLS15PC-162 bảng dữ liệu(HTML) 3 Page - ADL Embedded Solutions |
|
3 / 4 page ![]() ADLS15PC PC/104-Plus Intel® Atom™ CPU 1.1GHz - 1.60GHz ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345 T: 858.490.0597 F: 858.490.0599 sales@adl-usa.com www.adl-usa.com ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany T: +49 (0) 271.250.810.0 F: +49 (0) 271.250.810.20 sales@adl-europe.com www.adl-europe.com TECHNICAL SPECIFICATIONS - ADLS15PC FEATURE FUNCTION REMARKS OPTIONS Power consumption Z510 / 2GB / Active: 1.54A @ +5VDC, typical* Z510 / 2GB / Passive: 1.56A @ +5VDC, typical* Z530 / 2GB / Active: 1.78A @ +5VDC, typical* Z530 / 2GB / Passive: 1.80A @ +5VDC, typical* [processor] / [memory] / [cooling type] *Typical numbers are based on a standard configuration and are for reference only. Actual vaules may vary based on applicaton, operating system, peripherals and memory. Please contact Sales with questions. Operating Temperature (typ. ambient) -25ºC - +70ºC *Extended Temp -optional Provided CPU is kept below 90°C at all times and the installation has sufficient thermal path to dissipate MTBF 219,000 Hours Calculation method: MIL-HDBK-217F Dimensions 3.6” x 3.8” (90mm x 96mm) Same features as LAN1 Weight (gr) 86 g *Data subject to change without notice. |