| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRPLMB1E bảng dữ liệu(PDF) 13 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRPLMB1E bảng dữ liệu(HTML) 13 Page - International Rectifier |
|
13 / 13 page ![]() www.irf.com 13 IRPLMB1E 3.3) If VCC drops, increase the value of CSNUBBER or CVCC 4) Adjust the value of RFMIN to have the right power on the lamp (increase RFMIN to in- crease power or decrease RFMIN to de- crease power) and the value of CVCO to set the correct preheat time (increase CVCO to increase the preheat time and decrease CVCO to decrease the preheat time). 5) Test the ballast over the entire input range and make sure that the frequency does not change dramatically in your working range. Select the value of RSUPPLY to have startup at the correct AC line voltage. Increase the value of RSUPPLY to start the IC at higher AC voltages and decrease the value of RSUPPLY to start the IC at lower AC volt- ages. 6) Test your lamp life (number of starts). A good design should guarantee at least 5,000 starts. To increase the number of starts, in- crease CRES or the preheat time (CVCO) WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 http://www.irf.com/ Data and specifications subject to change without notice. 3/14/2004 |