công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFSL7787PbF bảng dữ liệu(PDF) 9 Page - International Rectifier

tên linh kiện IRFSL7787PbF
Giải thích chi tiết về linh kiện  Brushed Motor drive applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRFSL7787PbF bảng dữ liệu(HTML) 9 Page - International Rectifier

Back Button IRFSL7787PbF Datasheet HTML 5Page - International Rectifier IRFSL7787PbF Datasheet HTML 6Page - International Rectifier IRFSL7787PbF Datasheet HTML 7Page - International Rectifier IRFSL7787PbF Datasheet HTML 8Page - International Rectifier IRFSL7787PbF Datasheet HTML 9Page - International Rectifier IRFSL7787PbF Datasheet HTML 10Page - International Rectifier IRFSL7787PbF Datasheet HTML 11Page - International Rectifier IRFSL7787PbF Datasheet HTML 12Page - International Rectifier IRFSL7787PbF Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
IRFB/S/SL7787PbF
9
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
April 22, 2015
TO-220AB Package Outline (Dimensions are shown in millimeters (inches))
TO-220AB Part Marking Information
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
IN T E R N A T IO N A L
P A R T N U M B E R
R E C T IF IE R
L O T C O D E
A S S E M B L Y
L O G O
Y E A R 0 = 2 0 0 0
D A T E C O D E
W E E K 1 9
L IN E C
L O T C O D E 1 7 8 9
E X A M P L E : T H IS IS A N IR F 1 0 1 0
N o t e : "P " in a s s e m b ly lin e p o s it io n
in d ic a t e s "L e a d - F r e e "
IN T H E A S S E M B L Y L IN E "C "
A S S E M B L E D O N W W 1 9 , 2 0 0 0
TO-220AB packages are not recommended for Surface Mount Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13