công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACT8892 bảng dữ liệu(PDF) 32 Page - Active-Semi, Inc

tên linh kiện ACT8892
Giải thích chi tiết về linh kiện  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTIVE-SEMI [Active-Semi, Inc]
Trang chủ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 bảng dữ liệu(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8892 Datasheet HTML 24Page - Active-Semi, Inc ACT8892 Datasheet HTML 25Page - Active-Semi, Inc ACT8892 Datasheet HTML 26Page - Active-Semi, Inc ACT8892 Datasheet HTML 27Page - Active-Semi, Inc ACT8892 Datasheet HTML 28Page - Active-Semi, Inc ACT8892 Datasheet HTML 29Page - Active-Semi, Inc ACT8892 Datasheet HTML 30Page - Active-Semi, Inc ACT8892 Datasheet HTML 31Page - Active-Semi, Inc ACT8892 Datasheet HTML 32Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 32 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TQFN44-32 PACKAGE OUTLINE AND DIMENSIONS
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.200
0.008
b
0.150
0.250
0.006
0.010
D
4.000 TYP
0.158 TYP
E
4.000 TYP
0.158 TYP
D2
2.550
2.800
0.100
0.110
E2
2.550
2.800
0.100
0.110
e
0.400 TYP
0.016 TYP
L
0.250
0.450
0.010
0.018
R
0.250
0.010
A3
D
E
e
b
L
E/2
D2
E2
D/2
A
A1
R
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32