| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASM690AC/D bảng dữ liệu(PDF) 8 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM690AC/D bảng dữ liệu(HTML) 8 Page - Alliance Semiconductor Corporation |
|
8 / 13 page ![]() 8 of 13 Notice: The information in this document is subject to change without notice ASM690A / 692A ASM802L / 802M ASM805L µP Power Supply Supervisor With Battery Backup Switch rev 1.0 October 2003 Absolute Maximum Ratings Parameter Min Max Unit Pin Terminal Voltage with Respect to Ground VCC -0.3 6.0 V VBATT -0.3 6.0 V All other inputs * -0.3 VCC + 0.3 V Input Current at VCC 200 mA Input Current at VBATT 50 mA Input Current at GND 20 mA Output Current VOUT Short circuit protected All other inputs 20 mA Rate of Rise: VBATT and VCC 100 V/µs Continuous Power Dissipation Plastic DIP (derate 9mW/°C above 70°C) 800 mW SO (derate 5.9mW/°C above 70°C) 500 mW CerDIP (derate 8mW/°C above 70°C) 650 mW Operating Temperature Range (C Devices) 0 70 °C Operating Temperature Range (E Devices) -40 85 °C Storage Temperature Range -65 160 °C Lead Temperature Soldering, (10 sec) 300 °C * The input voltage limits on PFI and WDI may be exceeded if the current is limited to less than 10mA Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect device reliability. |