công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B40D bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện B40D
Giải thích chi tiết về linh kiện  Single Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40D bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  B40D Datasheet HTML 1Page - Diotec Semiconductor B40D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B40D ... B500D
B40D ... B500D
Single Phase Bridge Rectifier
Einphasen-Brückengleichrichter
IFAV = 1 A
VF
< 1.1 V
Tjmax = 150°C
VRRM = 80...1000 V
IFSM = 40/44 A
trr
~ 1500 ns
Version 2018-04-10
DIL
Dimensions - Maße [mm]
Typical Applications
50/60 Hz Mains Rectification,
Power Supplies
Commercial grade
1)
Typische Anwendungen
50/60 Hz Netzgleichrichtung,
Stromversorgungen
Standardausführung
1)
Features
UL recognized, File E175067
Compliant to RoHS, REACH,
Conflict Minerals
1)
Besonderheiten
UL-anerkannt, Liste E175067
Konform zu RoHS, REACH,
Konfliktmineralien
1)
Mechanical Data
1)
Mechanische Daten
1)
Packed in tubes/cardboards
50/1000
Verpackt in Stangen/Kartons
Weight approx.
0.4 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL N/A
Maximum ratings
2)
Grenzwerte
2)
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
3)
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
4)
B40D
40
80
B80D
80
160
B125D
125
250
B250D
250
600
B380D
380
800
B500D
500
1000
Max. rectified output current
Dauergrenzstrom am Brückenausgang
R-load
C-load
TA = 50°C
IFAV
1.0 A
1)
0.8 A
5)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10A
5)
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
40 A
44 A
Rating for fusing
Grenzlastintegral
t < 10 ms
i
2t
8 A
2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Eventual superimposed voltage peaks must not exceed VRRM – Evtl. überlagerte Spannungsspitzen dürfen VRRM nicht überschreiten
4
Valid per Diode – Gültig pro Diode
1
Mounted on P.C. Board with 13 x 13 mm
2 copper pads – Montage auf Leiterplatte mit 13 x 13 mm2 Kupferbelag (Lötpads)
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
8.6
±0.4
7.5
0.5
1.3
5.1
~
~
+
Type
Typ
8.5
±0.3


Số phần tương tự - B40D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
B40D DIOTEC-B40D Datasheet
140Kb / 2P
Silicon-Bridge Rectifiers
logo
International Rectifier
B40D IRF-B40D Datasheet
340Kb / 6P
POWER MODULES DIODE
logo
Semikron International
B40D SEMIKRON-B40D Datasheet
159Kb / 2P
Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40D DIOTEC-B40D Datasheet
151Kb / 2P
Silicon-Bridge-Rectifiers
logo
Shenzhen Luguang Electr...
B40D LUGUANG-B40D Datasheet
214Kb / 2P
Silicon Bridge Rectifiers
More results

Mô tả tương tự - B40D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com