| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LCU-40C bảng dữ liệu(PDF) 2 Page - PAIRUI GROUP INC. |
|
|
|||||||||||||||||||||||||||||
LCU-40C bảng dữ liệu(HTML) 2 Page - PAIRUI GROUP INC. |
|
2 / 10 page ![]() PRODUCT SPECIFICATION led power supplies LED Power Supplies for Outdoor Use LCU-40C SERIES, 40WATT, IP67 RATING Features Applications Electrical Series Name √ Garden Light Landscape Light Stage Light √ √ Cabinet Light √ Other Indoor and Outdoor used Lights √ LC U - C 700 40 D Input Voltage Range U = 90-305Vac Output Power(W) C = Constant Current Mode Output Mode Output Current(mA) Warranty Blank = No Dimming D = 0-10V Dimming L Dimming Blank = 3 Year Warranty L = 5 Year Warranty Updated 2016-V1.0-0719 www.pairuigroup.com Page:1/9 PAIRUI ELECTRONICS 3 or 5 Year Warranty Universal Input Voltage Range: 90~305Vac Waterproof Rating IP67 Class II Power, no FG Constant Current Output Mode Built-in Active Power Factor Correction 0-10VDimmingOptional Short Circuit, Over Voltage, Over Current Protections |