| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCHBW150-48S48-RTF1 bảng dữ liệu(PDF) 11 Page - Wall Industries,Inc. |
|
|
|||||||||||||||||||||||||||||
DCHBW150-48S48-RTF1 bảng dữ liệu(HTML) 11 Page - Wall Industries,Inc. |
|
11 / 13 page ![]() Rev G DCHBW150 SERIES Up to 182 Watts Half-Brick DC/DC Converter Single Outputs 1/9/2018 Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797 website: www.wallindustries.com • e-mail: sales@wallindustries.com Page 11 of 13 SYNCHRONOUS PIN Multiple modules can be synchronized together simply by connecting the module SYNC pins together. Synchronous Circuits Recommended Layouts 24V & 48V Nominal Input Models Component Value Voltage Reference C1 220µF 100V Nippon Chemi-Con KY Series C2, C3 2.2µF 100V 1812 MLCC 110V Nominal Input Models Component Value Voltage Reference C1 150µF 200V Nippon Chemi-Con KXJ-Series C2, C3 1µF 250V 1812 MLCC •Care should be taken to ensure the ground potential differences between modules are minimized. •All of the modules in this configuration will be synchronized to the highest frequency module. •Up to three module can be synchronized using this technique. |