công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP3A010AMT bảng dữ liệu(PDF) 2 Page - Advanced Power Electronics Corp.

tên linh kiện AP3A010AMT
Giải thích chi tiết về linh kiện  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  A-POWER [Advanced Power Electronics Corp.]
Trang chủ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3A010AMT bảng dữ liệu(HTML) 2 Page - Advanced Power Electronics Corp.

  AP3A010AMT Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3A010AMT Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3A010AMT Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3A010AMT Datasheet HTML 4Page - Advanced Power Electronics Corp. AP3A010AMT Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=12A
-
-
10.4
mΩ
VGS=4.5V, ID=7A
-
-
15.3
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=1mA
1.45
-
3
V
gfs
Forward Transconductance
VDS=5V, ID=10A
-
40
-
S
IDSS
Drain-Source Leakage Current
VDS=24V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=7A
-
14
22.4
nC
Qgs
Gate-Source Charge
VDS=15V
-
4.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
5.3
-
nC
td(on)
Turn-on Delay Time
VDS=15V
-
9
-
ns
tr
Rise Time
ID=1A
-
8
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-29
-
ns
tf
Fall Time
VGS=10V
-
9
-
ns
Ciss
Input Capacitance
VGS=0V
-
1530
2448
pF
Coss
Output Capacitance
VDS=15V
-
225
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
160
-
pF
Rg
Gate Resistance
f=1.0MHz
-
2.5
5
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=2.9A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
IS=12A, VGS=0V,
-
11
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
4
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 85 ℃/W on steady state.
4.Package limitation current is 12A .
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
AP3A010AMT
2
.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com