công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JM-0800-2. bảng dữ liệu(PDF) 1 Page - Cherry Semiconductor Corporation

tên linh kiện JM-0800-2.
Giải thích chi tiết về linh kiện  Symmetrical design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHERRY [Cherry Semiconductor Corporation]
Trang chủ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

JM-0800-2. bảng dữ liệu(HTML) 1 Page - Cherry Semiconductor Corporation

  JM-0800-2. Datasheet HTML 1Page - Cherry Semiconductor Corporation JM-0800-2. Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-
JM-0800 Corded Mouse
Mouse:
Scanning: Optical
Resolution: 1200 dpi
Number of buttons: 3
Scroll wheel with key function
Design: Symmetrical
Connection: USB
Housing color: Black
Button color: Black or White Gray
Exceptional design and professional quality at the
perfect price
CHERRY MC 1000 - offers the best quality in its price class,
focusing solely on the essentials, high quality processing,
highest level of switch reliability and absolute precision of the
optical sensor. The clean lines in the symmetrical design
ensure optimal control for both left and right-handed users.
Key benefits
Plug & Play - no software installation required
Worldwide unique business wireless desktop with charge
function in the keyboard and mouse via USB charging
cable - during operation. No battery logistics required.
Charging status display for keyboard and mouse
Multiple use capability. Smooth operation of up to 256
desktops in one room via pre-coding without channel
setting
Modern 2.4 GHz wireless technology for extremely high
ranges (up to 10 meters)
Tap-proof with coded data transmission
Ultra-flat ergonomic top-design for fatigue-free work
Ultra silent. Whisper keystroke for low-noise typing
Standard keyboard layout (including cursor and number
block)
GS approval
Distinguished with the Blaue Engel environmental label and
the AGR seal of approval for ergonomic, back-friendly work.
Symmetrical 3-button design mouse with energy-saving
optical sensor for precise and reliable scanning Ready for
use immediately with pre-charged batteries
Packaging Dimensions:
130 x 100 x 43 mm
5.1 x 3.9 x 1.7 inches
Professional Office
Interface:
 USB 2.0
Cable Length:
1.80 m / 5‘9“
Delivery Volume:
CHERRY JM-0800
Operating instructions in hard copy
Dimensions (product):
109 x 62 x 37 mm
4.2 x 2.4 x 1.4 inches
Models may vary from the image shown
Key Benefits
3-button mouse with scroll wheel
High-resolution optical sensor with 1,200 dpi
resolution for precise cursor control
Suitable for both right-handed and left-handed
operation
Symmetrical design
Technical Data:
Weight (product):
90 g
.19 lbs
Total Weight (with packaging):
128 g
.28 lbs
Storage Temperature:
-15°C to 60°C
5°F to 140°F
Operating Temperature:
0°C to 40°C
32°F to 104°F
Current Consumption:
Max 50 mA
Service Life:
Standard button > 3 million operations
Packaging (version):
Consumer box
Models may vary from the image shown
Technical Data:
System Requirements:
USB connection
Packaging Unit:
Number of products in the master package: 10
Number of master packages per pallet: 125
Warranty:
2 Years
Product Approvals:
C-tick
CE
FCC
UL
TÜV/GS


Số phần tương tự - JM-0800-2.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cherry Semiconductor Co...
JM-0300 CHERRY-JM-0300 Datasheet
116Kb / 2P
GENTIX Corded Optical Illuminated Mouse
More results

Mô tả tương tự - JM-0800-2.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Power Innovations Ltd
TISP4290 POINN-TISP4290 Datasheet
116Kb / 6P
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
C101024006 ETC2-C101024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
ECSSM23A10M ETC2-ECSSM23A10M Datasheet
64Kb / 2P
Timers Symmetrical Recycler
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
Symmetrical, compliant terminations
logo
Unisonic Technologies
U74AHC1G79G-AE5-R UTC-U74AHC1G79G-AE5-R Datasheet
196Kb / 5P
Symmetrical output impedance
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
SYMMETRICAL OUTPUT IMPEDANCE
Feb-2003
logo
Schneider Electric
SSLM1A13BD SCHNEIDER-SSLM1A13BD Datasheet
189Kb / 2P
Symmetrical DIN rail
SSLM1D23BD SCHNEIDER-SSLM1D23BD Datasheet
186Kb / 2P
Symmetrical DIN rail
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
Symmetrical DIN rail
logo
Vishay Siliconix
VBUS05M2-HT1 VISHAY-VBUS05M2-HT1_V01 Datasheet
114Kb / 7P
2-Line Low Capacitance, Bidirectional and Symmetrical (BiSy) ESD Protection Diode - Flow Through Design
17-Sep-2019
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com